Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3537F Datasheet(PDF) 6 Page - Rohm

Part # BD3537F
Description  Termination Regulators for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3537F Datasheet(HTML) 6 Page - Rohm

Back Button BD3537F Datasheet HTML 2Page - Rohm BD3537F Datasheet HTML 3Page - Rohm BD3537F Datasheet HTML 4Page - Rohm BD3537F Datasheet HTML 5Page - Rohm BD3537F Datasheet HTML 6Page - Rohm BD3537F Datasheet HTML 7Page - Rohm BD3537F Datasheet HTML 8Page - Rohm BD3537F Datasheet HTML 9Page - Rohm BD3537F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/10
Evaluation Board
Evaluation Board circuit
Evaluation Board Application Components
Part No
Value
Company
Parts Name
Part No
Value
Company
Parts Name
U1
ROHM
BD3537F
C8
M0
C9
10uF
KYOCERA
CM316B106M10A
M1
C10
C1
R1
100kΩ
ROHM
MCR03
C2
0.1uF
KYOCERA CM05B104K10A
R2
100kΩ
ROHM
MCR03
C3
0.1uF
KYOCERA CM05B104K10A
R3
C4
R4
C5
1uF
KYOCERA CM05B105K10A
R5
C6
R6
C7
BD3537F (SOP8) Evaluation Board Layout
BD3537F
VTTIN
REF
VCC
GND
VTT
VTT
SW
VTTIN
VDDQ
VREF
EN
VCC
GND
VCC
GND
GND
U1
C10
R4
GND
GND
1
3
6
2
4
M1
M0
C12
C13
Silk Screen
TOP Layer
Bottom Layer


Similar Part No. - BD3537F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3537F ROHM-BD3537F Datasheet
1Mb / 6P
   Silicon monolithic integrated circuit Regulator IC for Memory Termination
BD3537F ROHM-BD3537F Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F-E2 ROHM-BD3537F-E2 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD3537F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com