Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3539NUX Datasheet(PDF) 6 Page - Rohm

Part # BD3539NUX
Description  Termination Regulators for DDR-SDRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3539NUX Datasheet(HTML) 6 Page - Rohm

Back Button BD3539NUX Datasheet HTML 2Page - Rohm BD3539NUX Datasheet HTML 3Page - Rohm BD3539NUX Datasheet HTML 4Page - Rohm BD3539NUX Datasheet HTML 5Page - Rohm BD3539NUX Datasheet HTML 6Page - Rohm BD3539NUX Datasheet HTML 7Page - Rohm BD3539NUX Datasheet HTML 8Page - Rohm BD3539NUX Datasheet HTML 9Page - Rohm BD3539NUX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BD3539FVM,BD3539NUX
Technical Note
6/11
www.rohm.com
2009.10 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Evaluation Board
Part No
Value
Company
Parts Name
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3539FVM
C4
-
-
-
R1
-
-
-
C5
10µF
KYOCERA
CM21B106M06A
R4
220Ω
ROHM
MCR032200
C6
-
-
-
J1
-
-
C7
10µF
KYOCERA
CM21B106M06A
J2
-
-
C8
-
-
-
C1
-
-
-
C9
2.2µF
KYOCERA
CM105B225K06A
C2
1µF
KYOCERA
CM105B105K06A
C10
-
-
-
C3
1µF
KYOCERA
CM105B105K06A
C11
-
-
-
BD3539FVM Evaluation Board Application Components
Silk Screen
TOP Layer
Bottom Layer
BD3539FVM Evaluation Board Layout
BD3539FVM Evaluation Board Circuit
C5, C6
GND
BD3539FVM
VREF
EN
VCC
VDDQ
VTT_IN
VTTS
VTT
GND
VCC
SW1
C11
J2
R4
C9
J1
C3,C4
C7 C8 C10
C2
C1
R1
2
7
5
6
1
8
3
4
U1
VTT_IN
VCC
VTT
VREF
VDDQ
EN
VTTS
GND


Similar Part No. - BD3539NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ-E2 ROHM-BD35390FJ-E2 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35395FJ-M ROHM-BD35395FJ-M Datasheet
697Kb / 19P
   Incorporates an enabler
More results

Similar Description - BD3539NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com