Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3540NUV Datasheet(PDF) 5 Page - Rohm

Part # BD3540NUV
Description  Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3540NUV Datasheet(HTML) 5 Page - Rohm

  BD3540NUV Datasheet HTML 1Page - Rohm BD3540NUV Datasheet HTML 2Page - Rohm BD3540NUV Datasheet HTML 3Page - Rohm BD3540NUV Datasheet HTML 4Page - Rohm BD3540NUV Datasheet HTML 5Page - Rohm BD3540NUV Datasheet HTML 6Page - Rohm BD3540NUV Datasheet HTML 7Page - Rohm BD3540NUV Datasheet HTML 8Page - Rohm BD3540NUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
BD3540NUV, BD3541NUV
Technical Note
5/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data(BD3540NUV)
Fig.25 Input sequence
Fig.26 Input sequence
VCC
Ven
VIN
Vo
VIN→Ven→VCC
Ven→VIN→VCC
Fig.27 Ta-Vo (Io=0mA)
Fig.19 Waveform at output
start
Fig.20 Waveform at output OFF
Fig.21 Input sequence
Fig.22 Input sequence
Fig.23 Input sequence
Fig.24 Input sequence
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC
Ven
VIN
Vo
VCC
Ven
VIN
VCC
Ven
VIN
1.15
1.17
1.19
1.21
1.23
1.25
-10
1030507090
Ta(℃)


Similar Part No. - BD3540NUV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD354 ETC-BD354 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Shanghai Shunye Electro...
BD354N SHUNYE-BD354N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
logo
Thinki Semiconductor Co...
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
logo
Shanghai Shunye Electro...
BD354P SHUNYE-BD354P Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
More results

Similar Description - BD3540NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
Integrated Device Techn...
ICS954127BF IDT-ICS954127BF Datasheet
57Kb / 1P
   Desktop Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com