Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3540NUV Datasheet(PDF) 8 Page - Rohm

Part # BD3540NUV
Description  Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3540NUV Datasheet(HTML) 8 Page - Rohm

Back Button BD3540NUV Datasheet HTML 4Page - Rohm BD3540NUV Datasheet HTML 5Page - Rohm BD3540NUV Datasheet HTML 6Page - Rohm BD3540NUV Datasheet HTML 7Page - Rohm BD3540NUV Datasheet HTML 8Page - Rohm BD3540NUV Datasheet HTML 9Page - Rohm BD3540NUV Datasheet HTML 10Page - Rohm BD3540NUV Datasheet HTML 11Page - Rohm BD3540NUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BD3540NUV, BD3541NUV
Technical Note
8/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Operation of Each Block
AMP
This is an error amp that compares the reference voltage (0.65V) with Vo to drive the output Nch FET (Ron=100mΩ~
400mΩ). Frequency optimization helps to realize rapid transient response, and to support the use of ceramic capacitors
on the output. AMP input voltage ranges from GND to 2.7V, while the AMP output ranges from GND to VCC. When EN is
OFF, or when UVLO is active, output goes LOW and the output of the NchFET switches OFF.
EN
The EN block controls the regulator’s ON/OFF state via the EN logic input pin. In the OFF position, circuit voltage is
maintained at 0μA, thus minimizing current consumption at standby. The FET is switched ON to enable discharge of the
NRCS pin Vo, thereby draining the excess charge and preventing the IC on the load side from malfunctioning. Since no
electrical connection is required (e.g., between the VCC pin and the ESD prevention Diode), module operation is
independent of the input sequence.
UVLO
To prevent malfunctions that can occur during a momentary decrease in VCC, the UVLO circuit switches the output OFF,
and (like the EN block) discharges NRCS and Vo. Once the UVLO threshold voltage (TYP2.5V) is reached, the power-on
reset is triggered and output continues.
CURRENT LIMIT
When output is ON, the current limit function monitors the internal IC output current against the parameter value (2.0A or
more:BD3540NUV). When current exceeds this level, the current limit module lowers the output current to protect the
load IC. When the overcurrent state is eliminated, output voltage is restored to the parameter value.
NRCS (Non Rush Current on Start-up)
The soft start function enabled by connecting an external capacitor between the NRCS pin and ground. Output ramp-up
can be set for any period up to the time the NRCS pin reaches VFB (0.65V). During startup, the NRCS pin serves as a
20μA (TYP) constant current source to charge the external capacitor. Output start time is calculated via formula (1) below.
Tracking sequence is available by connecting the output voltage of external power supply instead of external capacitor.
And then, ratio-metric sequence is also available by changing the resistor division ratio of external power supply output
voltage. (See the next page)
TSD (Thermal Shut down)
The shutdown (TSD) circuit automatically switches output OFF when the chip temperature gets too high, thus serving to
protect the IC against “thermal runaway” and heat damage. Because the TSD circuit is provided to shut down the IC in
the presence of extreme heat, in order to avoid potential problems with the TSD, it is crucial that the Tj (max) parameter
not be exceeded in the thermal design.
VIN
The VIN line acts as the major current supply line, and is connected to the output NchFET drain. Since no electrical
connection (such as between the VCC pin and the ESD protection Diode) is necessary, VIN operates independent of the
input sequence. However, since an output NchFET body Diode exists between VIN and Vo, a VIN-Vo electric (Diode)
connection is present. Note, therefore, that when output is switched ON or OFF, reverse current may flow to VIN from Vo.
PGOOD
It outputs the output voltage (Vo). PGOOD pin (open drain) is used to pull up the 100kΩ resistor. PGOOD will be
judged HIGH between the FB voltage 0.585V(TYP) to 0.715V(TYP), and will be judged LOW if the voltage is out of range.
PGDLY
It is available to set PGOOD output delay. PGDLY pin should be connected to 100pF capacitor.
PGOOD delay time id determined by the following formula.
t = C
・・・
(1)
20μA
0.65V
tpgdly=
(μsec)
C(pF)×0.75
Ipgdly (μA)


Similar Part No. - BD3540NUV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD354 ETC-BD354 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Shanghai Shunye Electro...
BD354N SHUNYE-BD354N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
logo
Thinki Semiconductor Co...
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
logo
Shanghai Shunye Electro...
BD354P SHUNYE-BD354P Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
More results

Similar Description - BD3540NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
Integrated Device Techn...
ICS954127BF IDT-ICS954127BF Datasheet
57Kb / 1P
   Desktop Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com