Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3822FS Datasheet(PDF) 6 Page - Rohm

Part # BD3822FS
Description  NTSC-PAL Audio I/O Interface for Recording/Playing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3822FS Datasheet(HTML) 6 Page - Rohm

  BD3822FS Datasheet HTML 1Page - Rohm BD3822FS Datasheet HTML 2Page - Rohm BD3822FS Datasheet HTML 3Page - Rohm BD3822FS Datasheet HTML 4Page - Rohm BD3822FS Datasheet HTML 5Page - Rohm BD3822FS Datasheet HTML 6Page - Rohm BD3822FS Datasheet HTML 7Page - Rohm BD3822FS Datasheet HTML 8Page - Rohm BD3822FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/8
Example of application circuit
Fig.2 Example of application circuit (BD3824FS)
Reference data
Unit
R : [ ]
C : [F]
Fig.3 Quiescent current vs
Supply voltage (BD3822FS)
0
0
2
4
6
8
10
2
4
6
810
SUPPLY VOLTAGE : VCC[V]
85C
25C
-40C
OUTPUT VOLTAGE : VOUT[Vrms]
Fig.5 Total harmonic distortion vs
Output voltage (BD3822FS)
0.0001
5
0.001
0.01
0.1
1
1m
3
10m
100m
1
-40C
25C
85C
Fig.4 Quiescent current vs
Supply voltage (BD3824FS)
0
2
4
6
8
10
024
6
810
SUPPLY VOLTAGE : VCC[V]
85C
25C
-40C
+
+
+
A/D
D/A
1
1
1
1
1
1
1
1
Tuner2
EXT11 EXT12 EXT21 EXT22 EXT31 EXT32
(Ch1)
(Ch2)
(Ch1)
(Ch2)
(Ch1)
(Ch2)
(Ch1)
(Ch2)
Power
SCL
SDA
10
10
1
1
Front1
Front2
LINE
OUT2
(Ch1)
(Ch2)
+
10
C
28
C
27
C
25
C15
C
24
C
11
C
10
C
9
C
8
C
7
C
6
C
2
OFF
+
+
+
+
Tuner1
C
1
+
+
+
+
+
+
+
LINE
+
OUT1
Tuner1_0
C
3
+
Tuner2_0
C
4
+
N.C.
DVD
VCC
OUT1 OUT2
FILTER GND
(Ch1)
(Ch2)
+
10
RF
OUT
C
14
30
29
31
32
24
23
25
26
27
28
18
17
19
20
21
22
15
16
14
13
12
11
10
9
8
7
6
5
4
3
2
1
I
2C BUS
LOGIC
Power
GND
VCC
INPUT SELECTOR
VCC
1/2VCC
C26
10
OFF
0,8,12dB
-6.1dB
-6.1dB
+
ALC
R1
C
12
4.7
2.2M
+
0,5dB
0,5dB
10
10
1
C
23
C
20
C
17
1
C
16
0,8,12dB
10
10
CAP1
RF BIAS
R2
C5
R5
R3
R6
C18
C19
C21
C22
1
+
N.C.
N.C.
SELECT
R7
R4
4.7
+
C13
VCC


Similar Part No. - BD3822FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
More results

Similar Description - BD3822FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com