Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF500U60D4G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGF500U60D4G
Description  Single switch NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF500U60D4G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGF500U60D4G Datasheet HTML 1Page - Microsemi Corporation APTGF500U60D4G Datasheet HTML 2Page - Microsemi Corporation APTGF500U60D4G Datasheet HTML 3Page - Microsemi Corporation APTGF500U60D4G Datasheet HTML 4Page - Microsemi Corporation APTGF500U60D4G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGF500U60D4G
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
500
µA
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
1
mA
Tj = 25°C
1.95
2.45
VCE(sat)
Collector Emitter saturation Voltage
VGE = 15V
IC = 600A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 9mA
4.5
5.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
1900
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
26
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
2.4
nF
QG
Gate charge
VGE=15V, IC=600A
VCE=300V
1.5
µC
Td(on)
Turn-on Delay Time
150
Tr
Rise Time
72
Td(off)
Turn-off Delay Time
530
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 600A
RG = 12Ω
40
ns
Td(on)
Turn-on Delay Time
160
Tr
Rise Time
75
Td(off)
Turn-off Delay Time
550
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 300V
IC = 600A
RG = 12Ω
50
ns
Eon
Turn on Energy
Tj = 125°C
28
mJ
Eoff
Turn off Energy
VGE = ±15V
VBus = 300V
IC = 600A
RG = 12Ω
Tj = 125°C
26
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 360V
tp ≤ 10µs ; Tj = 125°C
2700
A
Reverse diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
750
IRRM
Maximum Reverse Leakage Current
VR = 600V
Tj = 125°C
1000
µA
IF
DC Forward Current
Tc = 80°C
600
A
Tj = 25°C
1.25
1.6
VF
Diode Forward Voltage
IF = 600A
VGE = 0V
Tj = 125°C
1.2
V
Tj = 25°C
150
trr
Reverse Recovery Time
Tj = 125°C
250
ns
Tj = 25°C
36
Qrr
Reverse Recovery Charge
Tj = 125°C
56
µC
Tj = 25°C
8
Err
Reverse Recovery Energy
IF = 600A
VR = 300V
di/dt =7000A/µs
Tj = 125°C
16
mJ


Similar Part No. - APTGF500U60D4G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF500U60D4 ADPOW-APTGF500U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
More results

Similar Description - APTGF500U60D4G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF530U120D4G MICROSEMI-APTGF530U120D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF660U60D4 ADPOW-APTGF660U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
APTGF500U60D4 ADPOW-APTGF500U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF660U60D4G MICROSEMI-APTGF660U60D4G Datasheet
203Kb / 5P
   Single switch NPT IGBT Power Module
APTGF400U120D4G MICROSEMI-APTGF400U120D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U60D4 ADPOW-APTGF200U60D4 Datasheet
264Kb / 5P
   Single switch NPT IGBT Power Module
APTGF360U60D4 ADPOW-APTGF360U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF360U60D4G MICROSEMI-APTGF360U60D4G Datasheet
203Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF300U60D4 ADPOW-APTGF300U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300U120DG MICROSEMI-APTGF300U120DG Datasheet
240Kb / 5P
   Single Switch with Series diodes NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com