Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4140HFV Datasheet(PDF) 1 Page - Rohm

Part # BD4140HFV
Description  PGOOD IC for PC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4140HFV Datasheet(HTML) 1 Page - Rohm

  BD4140HFV_09 Datasheet HTML 1Page - Rohm BD4140HFV_09 Datasheet HTML 2Page - Rohm BD4140HFV_09 Datasheet HTML 3Page - Rohm BD4140HFV_09 Datasheet HTML 4Page - Rohm BD4140HFV_09 Datasheet HTML 5Page - Rohm BD4140HFV_09 Datasheet HTML 6Page - Rohm BD4140HFV_09 Datasheet HTML 7Page - Rohm BD4140HFV_09 Datasheet HTML 8Page - Rohm BD4140HFV_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Hi-performance Regulator IC Series for PCs
PGOOD IC
for PC
BD4140HFV
Description
BD4140HFV is 1ch reset IC for watching the voltage. The detected voltage is 0.5V, and it is available to several kinds of
voltage with additional external resistance. For the independent supply voltage (VCC), the “L” level of voltage is guaranteed
in case the watching input voltage is also low.
Features
1) Open drain output type
2) Built in Under Voltage LockOut (UVLO) circuit
3) HVSOF5 package : 1.6×1.6×0.6(mm)
Applications
Laptop PC, Desktop PC, LCD-TV, Printer, STV, Digital appliances
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
BD4140HFV
Unit
Terminal voltage
VCC, IN, DLY, PGOOD
6
*1
V
Power Dissipation
Pd
0.67
*2
W
PGOOD Capacity Current
IPGOOD
5
mA
Operating temperature range
Topr
-10~+100
Storage temperature range
Tstg
-55~+150
Junction Temperature
Tjmax
+150
*1 Do not however exceed Pd.
*2 Reduced by θja= 186.6℃W for increase in Ta of 1℃ over 25℃.
(when mounted on a board 70.0mm×70mm×1.6mm Glass-epoxy PCB which has 1 layer. (copper foil density :2%))
*3 Reduced by θja= 185.2℃W for increase in Ta of 1℃ over 25℃
(when mounted on a board 70.0mm×70mm×1.6mm Glass-epoxy PCB which has 1 layer.)
Operating Conditions (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Terminal voltage
VCC
3.0
5.5
V
IN
-0.3
VCC-2
V
PGOOD
-0.3
5.5
V
DLY
-0.3
VCC
V
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta=25℃, VCC=5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Bias Current
Icc
-
5
10
μA
-
Detected Voltage
VDET
491
500
509
mV
IN sweep up
Hysteresis Voltage
VHYS
-
10
-
mV
IN sweep down
Delay Current
IDLY
150
250
350
nA
IN=0.6V
PGOOD Output ON Resistance
RVOUT
-
100
200
IN=0V
PGOODOutput Leak Current
IOUT
-
0
5
μA
IN=0.6V
No.09030EBT18


Similar Part No. - BD4140HFV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD4142HFV-TR ROHM-BD4142HFV-TR Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
logo
Chenmko Enterprise Co. ...
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results

Similar Description - BD4140HFV_09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
logo
Toshiba Semiconductor
TB62501F TOSHIBA-TB62501F Datasheet
406Kb / 48P
   Power Management IC for Notebook PC
14-Jan-03 Rev.2.0
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
logo
Panasonic Semiconductor
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
Fairchild Semiconductor
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com