Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4140HFV Datasheet(PDF) 4 Page - Rohm

Part # BD4140HFV
Description  PGOOD IC for PC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4140HFV Datasheet(HTML) 4 Page - Rohm

  BD4140HFV_09 Datasheet HTML 1Page - Rohm BD4140HFV_09 Datasheet HTML 2Page - Rohm BD4140HFV_09 Datasheet HTML 3Page - Rohm BD4140HFV_09 Datasheet HTML 4Page - Rohm BD4140HFV_09 Datasheet HTML 5Page - Rohm BD4140HFV_09 Datasheet HTML 6Page - Rohm BD4140HFV_09 Datasheet HTML 7Page - Rohm BD4140HFV_09 Datasheet HTML 8Page - Rohm BD4140HFV_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BD4140HFV
Technical Note
4/8
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
<VCC starting>
When VCC is below the minimum operation voltage, PGOOD pin will be at H level.
(The meaning of the minimum operation voltage is : When the starting of VCC, PGOOD output voltage become
within 10% of VCC voltage, and the value will be around 0.8VTYP(RPGOOD=100kΩ) and 1.0VTYP(RPGOOD=10kΩ).
But note that this value is reference.)
If VCC value exceeds the minimum operation voltage, by the VCC reached UVLO cancellation voltage (2.5V TYP),
PGOOD output become at L level.
If VCC exceeds UVLO cancellation voltage, when the input voltage of IN pin is over the detected voltage, PGOOD pin
will be at H level, and when the input voltage of IN pin is below the detected voltage, PGOOD pin will be at L level.
(PGOOD=OK)
(PGOOD=NG)
VCC
PGOOD
DLY
VCC
GND
IN
RPGOOD
VCC
PGOOD
DLY
VCC
GND
IN
RPGOOD
0
1(0.8)
UVLO Cancellation voltage
2.5
5
0
5
1(0.8)


Similar Part No. - BD4140HFV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD4142HFV-TR ROHM-BD4142HFV-TR Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
logo
Chenmko Enterprise Co. ...
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results

Similar Description - BD4140HFV_09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
logo
Toshiba Semiconductor
TB62501F TOSHIBA-TB62501F Datasheet
406Kb / 48P
   Power Management IC for Notebook PC
14-Jan-03 Rev.2.0
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
logo
Panasonic Semiconductor
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
Fairchild Semiconductor
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com