Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4156MUV Datasheet(PDF) 2 Page - Rohm

Part # BD4156MUV
Description  Power Switch for ExpressCardTM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4156MUV Datasheet(HTML) 2 Page - Rohm

  BD4156MUV_09 Datasheet HTML 1Page - Rohm BD4156MUV_09 Datasheet HTML 2Page - Rohm BD4156MUV_09 Datasheet HTML 3Page - Rohm BD4156MUV_09 Datasheet HTML 4Page - Rohm BD4156MUV_09 Datasheet HTML 5Page - Rohm BD4156MUV_09 Datasheet HTML 6Page - Rohm BD4156MUV_09 Datasheet HTML 7Page - Rohm BD4156MUV_09 Datasheet HTML 8Page - Rohm BD4156MUV_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Technical Note
2/23
BD4156MUV
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
ABSOLUTE MAXIMUM RATINGS
BD4156MUV
Parameter
Symbol
Limit
Unit
Input Voltage
V3AUX_IN, V3_IN, V15_IN
-0.3~5.0 *
11
V
Logic Input Voltage 1
EN,CPPE#,CPUSB#,SYSR,
PERST_IN#,RCLKEN
-0.3~V3AUX_IN+0.3 *
11
V
Logic Output Voltage 1
RCLKEN
-0.3~V3AUX_IN+0.3 *
11
V
Logic Output Voltage 2
PERST#
-0.3~V3AUX_IN+0.3
V
Output Voltage
V3AUX,V3, V15
-0.3~5.0 *
11
V
Output Current 1
IOV3AUX
1.0
A
Output Current 2
IOV3
2.0
A
Output Current 3
IOV15
2.0
A
Power Dissipation 1
Pd1
0.34 *
12
W
Power Dissipation 2
Pd2
0.70 *
13
W
Operating Temperature Range
Topr
-40~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*11 Not to exceed Pd.
*12 Reduced by 2.7mW for each increase in Ta of 1℃ over 25℃
*13 Reduced by 5.6mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB).
OPERATING CONDITIONS (Ta=25℃)
BD4156MUV
Parameter
Symbol
MIN
MAX
Unit
Input Voltage 1
V3AUX_IN
3.0
3.6
V
Input Voltage 2
V3_IN
3.0
3.6
V
Input Voltage 3
V15_IN
1.35
1.65
V
Logic Input Voltage 1
EN
-0.3
3.6
V
Logic Input Voltage 2
CPPE#,CPUSB#,SYSR,
PERST_IN#,RCLKEN
0
V3AUX_IN
V
Logic Output Voltage 1
RCLKEN
0
V3AUX_IN
V
Logic Output Voltage 2
PERST#
0
V3AUX_IN
V
Output Current 1
IOV3AUX
0
275
mA
Output Current 2
IOV3
0
1.3
A
Output Current 3
IOV15
0
650
mA
This product is not designed to offer protection against radioactive rays.


Similar Part No. - BD4156MUV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4153EFV ROHM-BD4153EFV Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
More results

Similar Description - BD4156MUV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
logo
Global Mixed-mode Techn...
G529 GMT-G529 Datasheet
103Kb / 1P
   Power Switch for MHL
logo
Rohm
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com