Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

571-4254 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 571-4254
Description  Insulated solder terminal, Slotted, Feed thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

571-4254 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  571-4254 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Tuesday, 21 January 2003
Page 1 of 1
571-4254 Insulated solder terminal, Slotted, Feed thru
Recommended mounting hole .158 (4,01)
How to order code
571-4254-01-YY-19
Basic Part No (XX = panel thickness, YY = plating finish. See tables for options)
Basic Part No.
OA (ref)
L
Panel Thickness (XX)
571-4254
-01
.821 (20,85)
.212 (5,38)
.031 (0,79) to .172 (4,37)
Component
Material
Finish (YY)
-01
-05
Terminal
Brass
Silver
Electro Solder
Insulator
Teflon - white
Additional Specifications
Flashover VRMS at Sea Level
6000
Capacitance (pF)
0.4
Teflon is a registered trademark of Dupont


Similar Part No. - 571-4254

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
571-4250 CAMBION-571-4250 Datasheet
32Kb / 1P
   Insulated solder terminal, Turreted, Feed thru
571-4251 CAMBION-571-4251 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
571-4253 CAMBION-571-4253 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
571-4256 CAMBION-571-4256 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
More results

Similar Description - 571-4254

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
571-4251 CAMBION-571-4251 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
571-4262 CAMBION-571-4262 Datasheet
31Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
571-4267 CAMBION-571-4267 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
571-4256 CAMBION-571-4256 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
571-4253 CAMBION-571-4253 Datasheet
32Kb / 1P
   Insulated solder terminal, Slotted, Feed thru
140-1033 CAMBION-140-1033 Datasheet
28Kb / 1P
   Solder terminal, slotted, feed thru
570-2012 CAMBION-570-2012 Datasheet
43Kb / 1P
   Insulated solder terminal, Feed thru
571-4161 CAMBION-571-4161 Datasheet
29Kb / 1P
   Insulated solder terminal, Feed thru
571-4188 CAMBION-571-4188 Datasheet
29Kb / 1P
   Insulated solder terminal, Feed thru
570-1990 CAMBION-570-1990 Datasheet
42Kb / 1P
   Insulated solder terminal, Feed thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com