Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGL90DSK120T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGL90DSK120T3G
Description  Dual Buck chopper Trench Field Stop IGBT4 Power module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGL90DSK120T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGL90DSK120T3G Datasheet HTML 1Page - Microsemi Corporation APTGL90DSK120T3G Datasheet HTML 2Page - Microsemi Corporation APTGL90DSK120T3G Datasheet HTML 3Page - Microsemi Corporation APTGL90DSK120T3G Datasheet HTML 4Page - Microsemi Corporation APTGL90DSK120T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGL90DSK120T3G
www.microsemi.com
5- 5
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
20
40
60
80
100
120
IC (A)
VCE=600V
D=50%
RG=2.2 Ω
TJ=150°C
Tc=75°C
Operating Frequency vs Collector Current
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
25
50
75
100
125
150
175
200
00.511.5
2
2.5
3
VF, Anode to Cathode Voltage (V)
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGL90DSK120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL90DA120T1G MICROSEMI-APTGL90DA120T1G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power module
APTGL90DDA120T3G MICROSEMI-APTGL90DDA120T3G Datasheet
208Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT4 Power module
APTGL90DH120T3G MICROSEMI-APTGL90DH120T3G Datasheet
200Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT4 Power module
More results

Similar Description - APTGL90DSK120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL60DSK120T3G MICROSEMI-APTGL60DSK120T3G Datasheet
203Kb / 5P
   Dual Buck chopper Trench Field Stop IGBT4 Power Module
APTGL90SK120T1G MICROSEMI-APTGL90SK120T1G Datasheet
219Kb / 5P
   Buck chopper Trench Field Stop IGBT4 Power module
APTGL325SK120D3G MICROSEMI-APTGL325SK120D3G Datasheet
215Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
APTGL120SK120T1G MICROSEMI-APTGL120SK120T1G Datasheet
219Kb / 5P
   Buck chopper Trench Field Stop IGBT4 Power module
APTGL475SK120D3G MICROSEMI-APTGL475SK120D3G Datasheet
216Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
APT40GL120JU3 MICROSEMI-APT40GL120JU3 Datasheet
179Kb / 5P
   ISOTOP짰 Buck chopper Trench Field Stop IGBT4 Power module
APT60GL120JU3 MICROSEMI-APT60GL120JU3_10 Datasheet
191Kb / 5P
   ISOTOP Buck chopper Trench Field Stop IGBT4 Power module
APT60GL120JU3 MICROSEMI-APT60GL120JU3 Datasheet
179Kb / 5P
   ISOTOP Buck chopper Trench Field Stop IGBT4 Power module
APTGL60DDA120T3G MICROSEMI-APTGL60DDA120T3G Datasheet
203Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT4 Power module
APTGL90DDA120T3G MICROSEMI-APTGL90DDA120T3G Datasheet
208Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT4 Power module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com