Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGL90H120T3G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGL90H120T3G
Description  Full bridge Trench Field Stop IGBT4 Power module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGL90H120T3G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGL90H120T3G Datasheet HTML 1Page - Microsemi Corporation APTGL90H120T3G Datasheet HTML 2Page - Microsemi Corporation APTGL90H120T3G Datasheet HTML 3Page - Microsemi Corporation APTGL90H120T3G Datasheet HTML 4Page - Microsemi Corporation APTGL90H120T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGL90H120T3G
www.microsemi.com
3- 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.39
RthJC
Junction to Case Thermal Resistance
Diode
0.62
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
110
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
Ω
∆R25/R25
5
%
B25/85
T25 = 298.15 K
3952
K
∆B/B
TC=100°C
4
%
⎟⎟
⎜⎜
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
SP3 Package outline (dimensions in mm)
12
1
See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGL90H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL90A120T1G MICROSEMI-APTGL90A120T1G Datasheet
220Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL90DA120T1G MICROSEMI-APTGL90DA120T1G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power module
APTGL90DDA120T3G MICROSEMI-APTGL90DDA120T3G Datasheet
208Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT4 Power module
APTGL90DH120T3G MICROSEMI-APTGL90DH120T3G Datasheet
200Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT4 Power module
APTGL90DSK120T3G MICROSEMI-APTGL90DSK120T3G Datasheet
207Kb / 5P
   Dual Buck chopper Trench Field Stop IGBT4 Power module
More results

Similar Description - APTGL90H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL30H120T1G MICROSEMI-APTGL30H120T1G Datasheet
212Kb / 5P
   Full bridge Trench Field Stop IGBT4 Power Module
APTGL40H120T1G MICROSEMI-APTGL40H120T1G Datasheet
212Kb / 5P
   Full bridge Trench Field Stop IGBT4 Power Module
APTGL60H120T3G MICROSEMI-APTGL60H120T3G Datasheet
204Kb / 5P
   Full bridge Trench Field Stop IGBT4 Power module
APTGL60DH120T3G MICROSEMI-APTGL60DH120T3G Datasheet
199Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT4 Power module
APTGL90DH120T3G MICROSEMI-APTGL90DH120T3G Datasheet
200Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT4 Power module
APTGL40X120T3G MICROSEMI-APTGL40X120T3G Datasheet
206Kb / 5P
   3 Phase bridge Trench Field Stop IGBT4 Power Module
APTGL30X120T3G MICROSEMI-APTGL30X120T3G Datasheet
206Kb / 5P
   3 Phase bridge Trench Field Stop IGBT4 Power Module
logo
Advanced Power Technolo...
APTGT200H60 ADPOW-APTGT200H60 Datasheet
273Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3 ADPOW-APTGT30H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H170 ADPOW-APTGT150H170 Datasheet
274Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com