Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGL325A120D3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGL325A120D3G
Description  Phase leg Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGL325A120D3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGL325A120D3G Datasheet HTML 1Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 2Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 3Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 4Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGL325A120D3G
www.microsemi.com
4- 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=150°C
0
100
200
300
400
500
600
01
2
3
4
VCE (V)
Output Characteristics
VGE=15V
VGE=19V
VGE=9V
0
100
200
300
400
500
600
01
234
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=150°C
0
100
200
300
400
500
600
5
6
7
8
9
10
11
12
13
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Err
0
20
40
60
80
0
100
200
300
400
500
600
IC (A)
VCE = 600V
VGE = 15V
RG = 1.5.Ω
TJ = 150°C
Eon
Eoff
Err
0
15
30
45
60
75
90
02.5
5
7.5
10
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 300A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
150
300
450
600
0
300
600
900
1200
1500
VCE (V)
VGE=15V
TJ=150°C
RG=1.5Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Similar Part No. - APTGL325A120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL325DA120D3G MICROSEMI-APTGL325DA120D3G Datasheet
215Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power Module
APTGL325SK120D3G MICROSEMI-APTGL325SK120D3G Datasheet
215Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
More results

Similar Description - APTGL325A120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL180A120T3AG MICROSEMI-APTGL180A120T3AG_11 Datasheet
214Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL475A120D3G MICROSEMI-APTGL475A120D3G Datasheet
216Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL60A120T1G MICROSEMI-APTGL60A120T1G Datasheet
214Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL90A120T1G MICROSEMI-APTGL90A120T1G Datasheet
220Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL180A120T3AG MICROSEMI-APTGL180A120T3AG Datasheet
201Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL120TA120TPG MICROSEMI-APTGL120TA120TPG Datasheet
235Kb / 5P
   Triple phase leg Trench Field Stop IGBT4 Power module
APTGLQ600A65T6G MICROSEMI-APTGLQ600A65T6G Datasheet
602Kb / 6P
   Phase leg High speed Trench Field Stop IGBT4 Power module
Rev 2 December , 2014
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com