Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGL475U120D4G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGL475U120D4G
Description  Single switch Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGL475U120D4G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGL475U120D4G Datasheet HTML 1Page - Microsemi Corporation APTGL475U120D4G Datasheet HTML 2Page - Microsemi Corporation APTGL475U120D4G Datasheet HTML 3Page - Microsemi Corporation APTGL475U120D4G Datasheet HTML 4Page - Microsemi Corporation APTGL475U120D4G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGL475U120D4G
www.microsemi.com
3- 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.072
RthJC
Junction to Case Thermal Resistance
Diode
0.14
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
M6
3
5
Torque Mounting torque
M4
1
2
N.m
Wt
Package Weight
350
g
D4 Package outline (dimensions in mm)


Similar Part No. - APTGL475U120D4G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL475U120DAG MICROSEMI-APTGL475U120DAG Datasheet
192Kb / 5P
   Single switch with Series diode Trench Field Stop IGBT4
More results

Similar Description - APTGL475U120D4G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL700U120D4G MICROSEMI-APTGL700U120D4G_10 Datasheet
215Kb / 5P
   Single switch Trench Field Stop IGBT4 Power Module
APTGL700U120D4G MICROSEMI-APTGL700U120D4G Datasheet
201Kb / 5P
   Single switch Trench Field Stop IGBT4 Power Module
APTGL90DH120T3G MICROSEMI-APTGL90DH120T3G Datasheet
200Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT4 Power module
APTGL60H120T3G MICROSEMI-APTGL60H120T3G Datasheet
204Kb / 5P
   Full bridge Trench Field Stop IGBT4 Power module
APTGL90DA120T1G MICROSEMI-APTGL90DA120T1G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power module
APTGL90SK120T1G MICROSEMI-APTGL90SK120T1G Datasheet
219Kb / 5P
   Buck chopper Trench Field Stop IGBT4 Power module
APTGL325SK120D3G MICROSEMI-APTGL325SK120D3G Datasheet
215Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
APTGL90H120T3G MICROSEMI-APTGL90H120T3G Datasheet
205Kb / 5P
   Full bridge Trench Field Stop IGBT4 Power module
APTGL325DA120D3G MICROSEMI-APTGL325DA120D3G Datasheet
215Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power Module
APTGL475DA120D3G MICROSEMI-APTGL475DA120D3G Datasheet
216Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com