Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT20A60T1G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT20A60T1G
Description  Phase leg Trench Field Stop IGBT짰 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT20A60T1G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT20A60T1G Datasheet HTML 1Page - Microsemi Corporation APTGT20A60T1G Datasheet HTML 2Page - Microsemi Corporation APTGT20A60T1G Datasheet HTML 3Page - Microsemi Corporation APTGT20A60T1G Datasheet HTML 4Page - Microsemi Corporation APTGT20A60T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT20A60T1G
www.microsemi.com
4 – 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=19V
VGE=9V
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
5
10
15
20
25
30
35
40
56
78
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
0
0.25
0.5
0.75
1
1.25
0
1020
3040
IC (A)
VCE = 300V
VGE = 15V
RG = 12Ω
TJ = 150°C
Eon
Eon
Eoff
Er
0
0.5
1
1.5
10
30
50
70
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 20A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
10
20
30
40
50
0
100
200
300
400
500
600
700
VCE (V)
VGE=15V
TJ=150°C
RG=12Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
IGBT


Similar Part No. - APTGT20A60T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200A120 ADPOW-APTGT200A120 Datasheet
269Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT200A120D3 ADPOW-APTGT200A120D3 Datasheet
205Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT200A120D3G MICROSEMI-APTGT200A120D3G Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A120G MICROSEMI-APTGT200A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT200A170D3 ADPOW-APTGT200A170D3 Datasheet
197Kb / 3P
   Phase leg Trench IGBT Power Module
More results

Similar Description - APTGT20A60T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50A60T1G MICROSEMI-APTGT50A60T1G Datasheet
278Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT50A170T1G MICROSEMI-APTGT50A170T1G Datasheet
282Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT100A60T1G MICROSEMI-APTGT100A60T1G Datasheet
281Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT150A60T1G MICROSEMI-APTGT150A60T1G Datasheet
280Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT30A60T1G MICROSEMI-APTGT30A60T1G Datasheet
279Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT75A60T1G MICROSEMI-APTGT75A60T1G Datasheet
279Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT30A170T1G MICROSEMI-APTGT30A170T1G Datasheet
283Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT50A120T1G MICROSEMI-APTGT50A120T1G Datasheet
285Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
APTGT75A120T1G MICROSEMI-APTGT75A120T1G Datasheet
281Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
APTGT35A120T1G MICROSEMI-APTGT35A120T1G Datasheet
285Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com