Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT25H120T1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT25H120T1G
Description  Full - Bridge Fast Trench Field Stop IGBT짰 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT25H120T1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT25H120T1G Datasheet HTML 1Page - Microsemi Corporation APTGT25H120T1G Datasheet HTML 2Page - Microsemi Corporation APTGT25H120T1G Datasheet HTML 3Page - Microsemi Corporation APTGT25H120T1G Datasheet HTML 4Page - Microsemi Corporation APTGT25H120T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT25H120T1G
www.microsemi.com
5 – 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
VF (V)
hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
70
80
0
1020
304050
IC (A)
VCE=600V
D=50%
RG=27Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT25H120T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT25A120D1 ADPOW-APTGT25A120D1 Datasheet
189Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT25A120T1G MICROSEMI-APTGT25A120T1G Datasheet
281Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
logo
Advanced Power Technolo...
APTGT25DA120D1 ADPOW-APTGT25DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT25SK120D1 ADPOW-APTGT25SK120D1 Datasheet
189Kb / 3P
   Buck chopper Trench IGBT Power Module
logo
Microsemi Corporation
APTGT25X120T3G MICROSEMI-APTGT25X120T3G Datasheet
278Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
More results

Similar Description - APTGT25H120T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50H60T1G MICROSEMI-APTGT50H60T1G Datasheet
281Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT20H60T1G MICROSEMI-APTGT20H60T1G Datasheet
279Kb / 5P
   Full bridge Trench Field Stop IGBT짰 Power Module
APTGT30H60T1G MICROSEMI-APTGT30H60T1G Datasheet
281Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT75H60T1G MICROSEMI-APTGT75H60T1G Datasheet
282Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT50A120T1G MICROSEMI-APTGT50A120T1G Datasheet
285Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
APTGT75A120T1G MICROSEMI-APTGT75A120T1G Datasheet
281Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
APTGT75X60T3G MICROSEMI-APTGT75X60T3G Datasheet
277Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT35X120T3G MICROSEMI-APTGT35X120T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT150H120G MICROSEMI-APTGT150H120G Datasheet
252Kb / 6P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150H120 ADPOW-APTGT150H120 Datasheet
274Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com