Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4220AMUV Datasheet(PDF) 3 Page - Rohm

Part # BD4220AMUV
Description  Silicon monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4220AMUV Datasheet(HTML) 3 Page - Rohm

  BD4220AMUV Datasheet HTML 1Page - Rohm BD4220AMUV Datasheet HTML 2Page - Rohm BD4220AMUV Datasheet HTML 3Page - Rohm BD4220AMUV Datasheet HTML 4Page - Rohm BD4220AMUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. A
○ Blosk Diagrum
○ UVLO、TSD、SDP
Fig.3 Block diagram
Fig.4 Timing Chart: Under Protective Circuit Operation
◆UVLO
If the VCC voltage is reduced to the UVLO detection voltage specified in the electrical characteristics or less, the UVLO
protective circuit is activated and the charging operation temporarily stops. (See Time ○
C
and ○
E
in Fig.4.) After that, when the
VDD voltage becomes the UVLO release voltage or more, the charging operation automatically restarts. (See Time ○
D
and ○
F
in Fig.4.)
◆VDD UVLO
If the VDD voltage becomes the VDD UVLO detection voltage or less, the IGBT_OUT voltage is forced to be set to "L".
◆Termal Shut Down (TSD)
It protects the IC against thermal runaway due to excessive temperature rise (Tj>175°C [TYP]). After detection, the charging
operation temporarily stops (See time ○
G
in Fig.4.), and when the chip temperature decreases, (Tj<150°C [TYP]), it
automatically restarts. (See Time ○
H
in Fig.4.)
◆VC pin short detection (SDP)
If the VC pin becomes the GND level due to any failure and the PowerMOS repeats switching 216(=65536) times which is the SDP
count number (TSDP) at the maximum OFF time, it is judged as an error and the charging operation is forced to be stopped. (See
Time ○
B
in Fig.4.) If the START pin is changed from "L" to "H" and the UVLO detection is released, it restarts.
STB
S
R
Q
LOGIC
STB
UVLO
TSD
S
R
OS
VCC
FULL
UVLO
Q
VCC
TSD
PGND
STB
S
R
FULL
OS
Q
VC
VCC
START
ADJ
FULL
IGBT_IN
GND
VREF
UVLO
TSD
START
OFF time detection
MAX OFF TIME
DRV
+
-
1/A
+
-
GND
VDD
IGBT_EN
SDP
SDP
SDP
VC
Anti-
Ringing
Filter
UVLO_VDD
MAXON
MAX_ON
SW
SW
IGBT_OUT_P
VC
PGND
PGND
IGBT_OUT_N
MAX_ON
*STB : Standby signal
*OS
: One shot pulse
SW
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
Operation stop due to increase of
chip temperature
A
B C
D
E
F
G
H
I
t
t
t
t
t
I(VBAT)
V(cap)
V(VC)
V(START)
Voltage at completion
of charge
UVLO detection
voltage
Operation restart due to decrease
of chip temperature
TSDP
Hysterisis
Operation stop due to UVLO detection
Operation restart due to UVLO release


Similar Part No. - BD4220AMUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4221NUX ROHM-BD4221NUX Datasheet
153Kb / 5P
   Silicon Monolithic Integrated Circuit
BD4222MUV ROHM-BD4222MUV Datasheet
249Kb / 5P
   Silicon monolithic integrated circuit
BD4223FUJ ROHM-BD4223FUJ Datasheet
171Kb / 5P
   Silicon Monolithic Integrated Circuit
BD4223FVM ROHM-BD4223FVM Datasheet
162Kb / 5P
   Silicon Monolithic Integrated Circuit
BD4224NUX ROHM-BD4224NUX Datasheet
164Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD4220AMUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com