Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGV25H120BG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTGV25H120BG
Description  Boost chopper Full - Bridge NPT & Trench Field Stop IGBT Power module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGV25H120BG Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button APTGV25H120BG Datasheet HTML 3Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 4Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 5Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 6Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 7Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 8Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 9Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 10Page - Microsemi Corporation APTGV25H120BG Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
APTGV25H120BG
www.microsemi.com
7-14
6. Full bridge top switches curves
6.1 Top Trench + Field Stop IGBT typical performance curves
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
10
20
30
40
50
0
0.5
11.5
22.5
33.5
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=17V
VGE=9V
0
10
20
30
40
50
01
23
4
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
0
10
20
30
40
50
56
78
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eon
Eoff
0
1
2
3
4
5
6
0
1020
3040
50
IC (A)
VCE = 600V
VGE = 15V
RG = 27Ω
TJ = 125°C
Eon
Eon
Eoff
0
1
2
3
4
5
6
7
8
0
40
80
120
160
200
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 25A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
10
20
30
40
50
60
0
300
600
900
1200
1500
VCE (V)
VGE=15V
TJ=125°C
RG=27Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)


Similar Part No. - APTGV25H120BG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV25H120T3G MICROSEMI-APTGV25H120T3G Datasheet
370Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
More results

Similar Description - APTGV25H120BG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
APTGV100H60BTPG MICROSEMI-APTGV100H60BTPG Datasheet
468Kb / 15P
   Boost chopper CoolMos?? full bridge NPT & Trench Field Stop IGBT Power module
APTGV50H60BG MICROSEMI-APTGV50H60BG Datasheet
443Kb / 15P
   Boost chopper CoolMos?? full bridge NPT & Trench Field Stop IGBT Power module
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT450DA60G MICROSEMI-APTGT450DA60G Datasheet
244Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA170 ADPOW-APTGT150DA170 Datasheet
269Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DA60TG MICROSEMI-APTGT100DA60TG Datasheet
257Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA120D1G MICROSEMI-APTGT150DA120D1G Datasheet
185Kb / 4P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT400DA120D3G MICROSEMI-APTGT400DA120D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT300DA60D3G MICROSEMI-APTGT300DA60D3G Datasheet
214Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com