Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGV100H60BTPG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTGV100H60BTPG
Description  Boost chopper CoolMos?? full bridge NPT & Trench Field Stop IGBT Power module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGV100H60BTPG Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button APTGV100H60BTPG Datasheet HTML 2Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 3Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 4Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 5Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 6Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 7Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 8Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 9Page - Microsemi Corporation APTGV100H60BTPG Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
APTGV100H60BTPG
www.microsemi.com
6-15
3.2 Chopper diode characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
100
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
100
A
IF = 100A
1.6
2
IF = 200A
2
VF
Diode Forward Voltage
IF = 100A
Tj = 125°C
1.3
V
Tj = 25°C
160
trr
Reverse Recovery Time
Tj = 125°C
220
ns
Tj = 25°C
290
Qrr
Reverse Recovery Charge
IF = 100A
VR = 400V
di/dt =200A/µs
Tj = 125°C
1530
nC
RthJC
Junction to Case Thermal resistance
0.55
°C/W
4. Temperature sensor
NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGV100H60BTPG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV100H60T3G MICROSEMI-APTGV100H60T3G Datasheet
378Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
More results

Similar Description - APTGV100H60BTPG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV50H60BG MICROSEMI-APTGV50H60BG Datasheet
443Kb / 15P
   Boost chopper CoolMos?? full bridge NPT & Trench Field Stop IGBT Power module
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
APTGV25H120BG MICROSEMI-APTGV25H120BG Datasheet
452Kb / 14P
   Boost chopper Full - Bridge NPT & Trench Field Stop IGBT Power module
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT450DA60G MICROSEMI-APTGT450DA60G Datasheet
244Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA170 ADPOW-APTGT150DA170 Datasheet
269Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DA60TG MICROSEMI-APTGT100DA60TG Datasheet
257Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA120D1G MICROSEMI-APTGT150DA120D1G Datasheet
185Kb / 4P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT400DA120D3G MICROSEMI-APTGT400DA120D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT300DA60D3G MICROSEMI-APTGT300DA60D3G Datasheet
214Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com