Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM120H140FT1G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTM120H140FT1G
Description  Full - Bridge MOSFET Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120H140FT1G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTM120H140FT1G Datasheet HTML 1Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 2Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 3Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 4Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTM120H140FT1G
www.microsemi.com
4 – 5
Typical Performance Curve
Low Voltage Output Characteristics
TJ=25°C
TJ=125°C
0
5
10
15
20
0
5
10
15
20
VDS, Drain to Source Voltage (V)
VGS=10V
Low Voltage Output Characteristics
4.5V
5V
0
2
4
6
8
10
12
0
5
10
15
20
25
30
VDS, Drain to Source Voltage (V)
VGS=6, 7, 8 &9V
TJ=125°C
Normalized RDS(on) vs. Temperature
0
0.5
1
1.5
2
2.5
3
25
50
75
100
125
150
TJ, Junction Temperature (°C)
VGS=10V
ID=7A
Transfert Characteristics
TJ=25°C
TJ=125°C
0
2
4
6
8
10
01
23
45
6
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
Gate Charge vs Gate to Source
VDS=240V
VDS=600V
VDS=960V
0
2
4
6
8
10
12
0
40
80
120
160
Gate Charge (nC)
ID=7A
TJ=25°C
Ciss
Crss
Coss
10
100
1000
10000
0
50
100
150
200
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage


Similar Part No. - APTM120H140FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120H29F ADPOW-APTM120H29F Datasheet
309Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM120H57FT ADPOW-APTM120H57FT Datasheet
315Kb / 6P
   Full - Bridge MOSFET Power Module
APTM120H57FT3 ADPOW-APTM120H57FT3 Datasheet
320Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
   Full - Bridge MOSFET Power Module
More results

Similar Description - APTM120H140FT1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
   Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
   Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
   Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
   Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
   Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
   Full - Bridge MOSFET Power Module
APTM60H23FT1G MICROSEMI-APTM60H23FT1G Datasheet
195Kb / 5P
   Full - Bridge MOSFET Power Module
APTM100H40FT3G MICROSEMI-APTM100H40FT3G Datasheet
183Kb / 5P
   Full - Bridge MOSFET Power Module
APTM100H46FT3G MICROSEMI-APTM100H46FT3G Datasheet
187Kb / 5P
   Full bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com