Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0207A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0207A
Description  SAW Filter 1960MHz SMD 2.5X2.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0207A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0207A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: March, 13, 2003
Product Name: SAW Filter 1960MHz SMD 2.5X2.0 mm
TST Parts No.: TA0207A
Customer Parts No.:
Checked by:
Bob Chau
Approval by:
Francis Chen
Date:
3,13,2003
Company:
Division:
Approved by :
Date:


Similar Part No. - TA0207A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0207A GOLLEDGE-TA0207A Datasheet
339Kb / 5P
   SAW Filter 1960MHz
More results

Similar Description - TA0207A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
   SAW Filter 1960MHz SMD 3.0 mm SQ
TA0402A TAI-SAW-TA0402A Datasheet
497Kb / 7P
   SAW Filter 2140MHz SMD 2.5X2.0 mm
TA0788A TAI-SAW-TA0788A Datasheet
572Kb / 8P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0426A TAI-SAW-TA0426A Datasheet
507Kb / 7P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0680A TAI-SAW-TA0680A Datasheet
329Kb / 7P
   SAW Filter 867.5MHz SMD 2.5X2.0 mm
logo
Abracon Corporation
AFS1960S4 ABRACON-AFS1960S4 Datasheet
154Kb / 1P
   SMD 1960MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0656A TAI-SAW-TA0656A Datasheet
327Kb / 7P
   SAW Filter 1747.5MHz SMD 2.5X2.0 mm
TA0401A TAI-SAW-TA0401A Datasheet
601Kb / 7P
   SAW Filter 1950MHz SMD 2.5X2.0 mm
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com