Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0218A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0218A
Description  SAW Filter 942.5 MHz for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0218A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0218A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0218A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0218A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0218A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0218A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0218A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0218A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
1
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: Oct, 22, 2003
Product Name: SAW Filter 942.5 MHz for Mobile Communication
TST Parts No.: TA0218A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Bob Chau
Approval by:
Francis Chen
Date:
10,22,2003
FR-71S03-01


Similar Part No. - TA0218A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA021-035-32-15 TRANSCOM-TA021-035-32-15 Datasheet
35Kb / 1P
   2.1 - 3.5 GHz 15 dBm Amplifier
logo
TAI-SAW TECHNOLOGY CO.,...
TA0213A TAI-SAW-TA0213A Datasheet
448Kb / 6P
   SAW Filter 1575.42 MHz for GPS
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
More results

Similar Description - TA0218A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0230A TAI-SAW-TA0230A Datasheet
243Kb / 6P
   SAW Filter 942.5 MHz for Mobile Communication
TA0319A TAI-SAW-TA0319A Datasheet
388Kb / 6P
   SAW Filter 1960 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0382A TAI-SAW-TA0382A Datasheet
370Kb / 7P
   SAW Filter 1950 MHz for Mobile Communication
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com