Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0235A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0235A
Description  SAW Filter 1950 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0235A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0235A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0235A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0235A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0235A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0235A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0235A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1950 MHz for 3G Applications
MODEL NO.: TA0235A
REV. No.:4
A. Maximum Rating:
1. Input Power Level: 13 dBm
2. DC voltage: 0 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
B. Electrical Characteristics:
Parameter
Min.
Typ.
Max.
Unit
Center Frequency, Fc
-
1950
-
MHz
Insertion Loss, IL within 1920 ~1980 MHz
-
2.3
4
dB
Amplitude Ripple (p-p) within 1920 ~ 1980
MHz
-
1.4
2.4
dB
Attenuation (Reference level from 0 dB)
DC ~ 1840 MHz
20.0
32.0
-
dB
1840 ~ 1900 MHz
10.0
21.0
-
dB
2000 ~ 2030 MHz
4.5
10.0
-
dB
2030 ~ 2060 MHz
20.0
47.0
-
dB
2060 ~ 5000 MHz
22.0
29.0
-
dB
VSWR within 1920 ~1980 MHz
-
1.7
2.4
Source Impedance, ZS
-
50
-
Load Impedance, ZL
-
50
-
Note1. No matching network required for operation at 50
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0235A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0235B TAI-SAW-TA0235B Datasheet
411Kb / 6P
   SAW Filter 1950 MHz for 3G Applications
More results

Similar Description - TA0235A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
   SAW Filter 1950 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
   1950 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2224E MURATA-SF2224E Datasheet
627Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1590A TAI-SAW-TA1590A Datasheet
140Kb / 8P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
   1950 MHz SAW Filter
856661 TRIQUINT-856661_15 Datasheet
298Kb / 5P
   1950 MHz SAW Filter
856678 TRIQUINT-856678_15 Datasheet
532Kb / 6P
   1950 MHz SAW Filter
855938 TRIQUINT-855938 Datasheet
488Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1397A TAI-SAW-TA1397A Datasheet
248Kb / 8P
   SAW Filter 1950 MHz BW60MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com