Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0287A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0287A
Description  SAW Filter 864 MHz SMD 3.8횞3.8 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0287A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0287A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0287A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0287A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0287A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0287A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Filter 864 MHz
SMD 3.8×3.8 mm
TST Parts No.:TA0287A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Elvis Chiu
Approval by:
Francis Chen
Date:
2004/04/15


Similar Part No. - TA0287A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0287A GOLLEDGE-TA0287A Datasheet
184Kb / 4P
   SAW Filter 864MHz
More results

Similar Description - TA0287A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1925A TAI-SAW-TA1925A Datasheet
257Kb / 6P
   SAW Filter 1234.4 MHz SMD 3.8횞3.8 mm (BW=45 MHz)
TA0177A TAI-SAW-TA0177A Datasheet
328Kb / 7P
   SAW Filter 1030MHz SMD 3.8횞3.8 mm
TA0537A TAI-SAW-TA0537A Datasheet
534Kb / 5P
   SAW Filter 433.92MHz SMD 3.8횞3.8 mm
TB0316A TAI-SAW-TB0316A Datasheet
477Kb / 5P
   SAW Filter 374MHz SMD 3.8횞3.8 mm
TB0261B TAI-SAW-TB0261B Datasheet
620Kb / 7P
   SAW Filter 403.5MHz (SMD 3.8횞3.8 mm)
TA1924A TAI-SAW-TA1924A Datasheet
436Kb / 6P
   SAW Filter 1191.8 MHz SMD 3.8횞3.8 mm (BW=55 MHz)
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
   SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
TA1960A TAI-SAW-TA1960A Datasheet
577Kb / 7P
   SAW Filter 447.5 MHz 15MHz B.W SMD 3.8횞3.8 mm
TA0489A TAI-SAW-TA0489A Datasheet
263Kb / 6P
   SAW Filter 403.5MHz SMD 3.8횞3.8 mm
TA0691A TAI-SAW-TA0691A Datasheet
319Kb / 6P
   SAW Filter 1090MHz SMD 3.8횞3.8 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com