Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8153EFV Datasheet(PDF) 9 Page - Rohm

Part # BD8153EFV
Description  5V Input Multi-channel System Power Supply IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8153EFV Datasheet(HTML) 9 Page - Rohm

Back Button BD8153EFV Datasheet HTML 5Page - Rohm BD8153EFV Datasheet HTML 6Page - Rohm BD8153EFV Datasheet HTML 7Page - Rohm BD8153EFV Datasheet HTML 8Page - Rohm BD8153EFV Datasheet HTML 9Page - Rohm BD8153EFV Datasheet HTML 10Page - Rohm BD8153EFV Datasheet HTML 11Page - Rohm BD8153EFV Datasheet HTML 12Page - Rohm BD8153EFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BD8153EFV
Technical Note
9/17
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
(4) Setting RC, CC of the Phase Compensation Circuit
In the current mode control, since the coil current is controlled, a pole (phase lag) made by the CR filter composed of the
output capacitor and load resistor will be created in the low frequency range, and a zero (phase lead) by the output
capacitor and ESR of capacitor will be created in the high frequency range. In this case, to cancel the pole of the power
amplifier, it is easy to compensate by adding the zero point with CC and RC to the output from the error amp as shown in
the illustration.
Open loop gain characteristics
Pole at the power amplification stage
When the output current reduces, the load resistance
Ro increases and the pole frequency lowers.
Error amp phase
compensation characteristics
Zero at the power amplification stage
When the output capacitor is set larger, the pole
frequency lowers but the zero frequency will not
change. (This is because the capacitor ESR
becomes 1/2 when the capacitor becomes 2 times.)
It is possible to realize the stable feedback loop by canceling the pole fp(Min.), which is created by the output capacitor
and load resistor, with CR zero compensation of the error amp as shown below.
fz(Amp.) = fp(Min.)
1
=
1
2
  Rc  Cc
2
  Romax  Co
1
Fp =
2
  RO  CO
1
fz(ESR) =
2
  ESR  CO
1
fp(Min) =
2
  ROMax  CO
[Hz]
 at light load
1
fz(Max) =
2
  ROMin  CO
[Hz]
 at heavy load
1
fp(Amp.) =
2
  Rc  Cc
fp(Min)
fp(Max)
fz(ESR)
A
0
-90
0
Gain
[dB]
Phase
[deg]
lOUTMin
lOUTMax
0
0
A
-90
Gain
[dB]
Phase
[deg]
L
VCC
Rc
Cc
Cin
Vcc,PVcc
GND,PGND
SW
COMP
Co
ESR
Ro
Vo
Fig. 29 Gain vs Phase
Fig. 30 Application Circuit Diagram
[Hz]
[Hz]
[Hz]
[Hz]


Similar Part No. - BD8153EFV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD8150CS PANJIT-BD8150CS Datasheet
122Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD8150CS ZSELEC-BD8150CS Datasheet
146Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BD8150CT PANJIT-BD8150CT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD8150CT ZSELEC-BD8150CT Datasheet
147Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
logo
Rohm
BD8150KVT ROHM-BD8150KVT Datasheet
244Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results

Similar Description - BD8153EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com