Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8303MUV Datasheet(PDF) 1 Page - Rohm

Part # BD8303MUV
Description  Step-up/down, High-efficiency Switching Regulators (Controller type)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8303MUV Datasheet(HTML) 1 Page - Rohm

  BD8303MUV Datasheet HTML 1Page - Rohm BD8303MUV Datasheet HTML 2Page - Rohm BD8303MUV Datasheet HTML 3Page - Rohm BD8303MUV Datasheet HTML 4Page - Rohm BD8303MUV Datasheet HTML 5Page - Rohm BD8303MUV Datasheet HTML 6Page - Rohm BD8303MUV Datasheet HTML 7Page - Rohm BD8303MUV Datasheet HTML 8Page - Rohm BD8303MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2009.03 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Large Current External FET Controller Type Switching Regulators
Step-up/down, High-efficiency
Switching Regulators (Controller type)
BD8303MUV
● General Description
ROHM’s highly-efficient step-up/down switching regulator BD8303MUV generates step-up/down output including 3.3 V / 5 V
from 1 cell of lithium battery, 4 batteries, or 2 cells of Li batteries with just one inductor.
This IC adopts an original step-up/down drive system and creates a higher efficient power supply than conventional
Sepic-system or H-bridge system switching regulators.
● Features
1)Highly-efficient step-up/down DC/DC converter to be constructed just with one inductor.
2) Supports a wide range of power supply voltage range (input voltage: 2.7 V - 14.0 V)
3) Supports high-current application with external Nch FET.
4) Incorporates soft-start function.
5) Incorporates timer latch system short protecting function.
6) High heat radiation surface mounted package QFN16 pin, 3 mm × 3 mm
● Application
General portable equipment like DVC, single-lens reflex cameras, portable DVDs, or mobile PCs
● Absolute Maximum Ratings
When installed on a 70.0 mm × 70.0 mm × 1.6 mm glass epoxy board. The rating is reduced by 4.96 mW/°C at Ta = 25°C or more.
● Operating Conditions (Ta = 25°C)
Parameter
Symbol
Standard value
Unit
MIN
TYP
MAX
Power supply voltage
VCC
2.7
14
V
Output voltage
VOUT
1.8
12
V
Oscillation frequency
fosc
0.2
0.6
1.0
MHz
* These specifications are subject to change without advance notice for modifications and other reasons.
Parameter
Symbol
Rating
Unit
Maximum applied power voltage
VCC
15
V
VREG
7
V
Between BOOT
1, 2 and SW 1, 2
7
V
Between BOOT
1, 2 and GND
20
V
SW1, 2
15
V
Power dissipation
Pd
620
mW
Operating temperature range
Topr
25 to +85
°C
Storage temperature range
Tstg
55 to +150
°C
Junction temperature
Tjmax
+150
°C
No.09028EAT02


Similar Part No. - BD8303MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV ROHM-BD8303MUV Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
More results

Similar Description - BD8303MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com