Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8314NUV Datasheet(PDF) 6 Page - Rohm

Part # BD8314NUV
Description  High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8314NUV Datasheet(HTML) 6 Page - Rohm

Back Button BD8314NUV Datasheet HTML 2Page - Rohm BD8314NUV Datasheet HTML 3Page - Rohm BD8314NUV Datasheet HTML 4Page - Rohm BD8314NUV Datasheet HTML 5Page - Rohm BD8314NUV Datasheet HTML 6Page - Rohm BD8314NUV Datasheet HTML 7Page - Rohm BD8314NUV Datasheet HTML 8Page - Rohm BD8314NUV Datasheet HTML 9Page - Rohm BD8314NUV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Note
6/15
BD8314NUV
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Fig.12. STB threshold
temperature property
Fig.13. SWOUT ON resistance
temperature property
Fig.14. SWOUT ON resistance
power supply property
0
20
40
60
80
100
36
9
12
15
VCC [V]
ID=1mA
0
20
40
60
80
100
-40
0
40
80
120
TEMPARATURE [℃]
ID=1mA
1.0
1.5
2.0
2.5
-50050
100
150
VCC [V]
ON
OFF
0
200
400
600
800
1000
02
46
8
10
12
14
VCC [V]
Fig.18. Circuit current power supply property
1.0
1.5
2.0
2.5
-50
0
50
100
150
TEMPARATURE [℃]
Fig.15. Lx Max duty temperature property
Fig.17. Circuit current temperature property
Fig.16. Lx Max duty power supply property
75
80
85
90
95
-40
0
40
80
120
TEMPARATURE [℃]
75
80
85
90
95
3
6
9
12
15
VCC [V]


Similar Part No. - BD8314NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8314NUV-E2 ROHM-BD8314NUV-E2 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV-E2 ROHM-BD8314NUV-E2 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8314NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com