Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8606FV Datasheet(PDF) 2 Page - Rohm

Part # BD8606FV
Description  FET Controller Type 3ch System Power Supply ICs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8606FV Datasheet(HTML) 2 Page - Rohm

  BD8606FV Datasheet HTML 1Page - Rohm BD8606FV Datasheet HTML 2Page - Rohm BD8606FV Datasheet HTML 3Page - Rohm BD8606FV Datasheet HTML 4Page - Rohm BD8606FV Datasheet HTML 5Page - Rohm BD8606FV Datasheet HTML 6Page - Rohm BD8606FV Datasheet HTML 7Page - Rohm BD8606FV Datasheet HTML 8Page - Rohm BD8606FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2 / 22
Electric characteristic
(Ta=25℃, VIN1, VIN2, VIN3=5.0V, VCC=5.0V, and GND=0V unless otherwise specified.)
Parameter
Symbol
specification value
UNIT
Condition
MIN
TYP
MAX
Circuit current 1
IQ1
-
2.5
5
mA
CTL1,2,3=0V
Circuit current 2
IQ2
-
5.0
10
mA
CTL1,2,3=VCC
< Error amplifier part Ch1,Ch2,Ch3 >
Standard voltage (VREF)
VREF
0.792
0.8
0.808
V
Terminal FB and FC terminal short
Terminal FB Input bias current
IFBB
-1
0
1
μA
VFB=0.9V
Terminal FC Clamping voltage H
VFCH
1.8
-
-
V
VFB=0.7V
Terminal FC Clamping voltage L
VFCL
-
-
0.2
V
VFB=0.9V
Terminal FC Sink current
IFCSINK
0.5
-
-
mA
VFB=0.9V, VFC=0.4V
Terminal FC Source current
IFCSOURCE
-
-
-70
μA
VFB=0.7V, VFC=1.6V
Open loop gain
AVERR
-
100
-
B
< OSC part >
Oscillation frequency
FOSC
100
-
600
kHz
< Soft start part Ch1,Ch2,Ch3 >
Charging current
ISS
-4.0
-2.5
-1.0
μA
VSS=1.0V
Terminal SS Threshold voltage
VSSTH
1.0
1.1
1.2
V
VSS voltage, VFC=0.8V
Terminal SS Clamping voltage
VSSCLM
1.44
1.72
2.0
V
Terminal SS Standby voltage
VSSSTB
0.11
0.15
0.19
V
VSS voltage (L→H)
Terminal SS Standby voltage
Maximum hysteresis error
VSSSTB_HYS
5
50
100
mV
Terminal SS Discharge resistance
RSS
49
70
91
kΩ
Terminal SS Protection circuit start voltage
VSSPON
1.0
1.1
1.2
V
VSS voltage (L→H)
Terminal SS Protection circuit start voltage
Maximum hysteresis error
VSSPON_HYS
10
100
200
mV
VSS voltage
< Low voltage, over voltage detection part Ch1,Ch2,Ch3 >
Terminal FB Low voltage detection voltage
VLVP
0.27
0.32
0.37
V
VFB voltage
Terminal FB Low voltage detection
Maximum hysteresis error
VLVP_HYS
10
100
200
mV
VFB voltage
Terminal FB Overvoltage detection voltage
VOVP
1.08
1.2
1.32
V
VFB voltage
< Over current detection part Ch1,Ch2,Ch3 >
Terminal LX input bias current
ILXB
-1
0
1
uA
Terminal OCP input bias current
IOCPB
20
50
80
uA
< Reset detection part >
Terminal MONVCC reset detection voltage
VRSTO
0.98
1.0
1.02
V
VMONVCC voltage (H→L)
Terminal MONVCC input bias current
IMONVCCB
-1
0
1
uA
Terminal RSTDLY charging current
IRSTDLY
-15
-10
-5
uA
Terminal RESET L output voltage
VOL_RST
-
-
0.4
V
IOL=100uA
< Others >
Terminal PDET L output voltage
VOL_RDET
-
-
0.4
V
IOL=100uA
Terminal CTL input voltage H level voltage
VIH_CTL
2.0
-
VCC
V
Terminal CTL1,2,3
Terminal CTL input voltage L level voltage
VIL_CTL
-
-
0.5
V
Terminal CTL1,2,3
Terminal CTL input current
II_CTL
-
40
70
uA
Terminal CTL1,2,3, CTL=VCC
Terminal DRV H output voltage
VOH_DRV
4.5
-
-
V
Terminal
DRV1A,2A,3A,1B,2B,3B
Terminal DRV L output voltage
VOL_DRV
-
-
0.5
V
Terminal
DRV1A,2A,3A,1B,2B,3B
VFB : FB terminal voltage, VFC : FC terminal voltage, VSS : SS terminal voltage, VMONVCC : MONVCC terminal voltage
Not designed for radiation resistance.
Current capability should not exceed Pd.


Similar Part No. - BD8606FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV-E2 ROHM-BD8606FV-E2 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
More results

Similar Description - BD8606FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com