Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8606FV Datasheet(PDF) 3 Page - Rohm

Part # BD8606FV
Description  FET Controller Type 3ch System Power Supply ICs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8606FV Datasheet(HTML) 3 Page - Rohm

  BD8606FV Datasheet HTML 1Page - Rohm BD8606FV Datasheet HTML 2Page - Rohm BD8606FV Datasheet HTML 3Page - Rohm BD8606FV Datasheet HTML 4Page - Rohm BD8606FV Datasheet HTML 5Page - Rohm BD8606FV Datasheet HTML 6Page - Rohm BD8606FV Datasheet HTML 7Page - Rohm BD8606FV Datasheet HTML 8Page - Rohm BD8606FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3 / 22
Block diagram
1
2
3
4
5
6
7
8
9
10
12
1314
151617181920
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
11
Delay
SYSTEM CONTROL SEQUENCER
VRSTO
OSC
SS1 SS2 SS3
Figure 1 Block char
Terminal explanation
Table 1 terminal explanation
No. Symbol
Description
No.
Symbol
Description
1
PGND1
Ch1 power GND
(same potential as GND terminal)
21
PGND3
Ch3 power GND
(same potential as terminal GND)
2
DRV1B Ch1 Nch drive output terminal
22
DRV3B Ch3 Nch drive output terminal
3
LX1
Ch1 overcurrent detection terminal
23
LX3
Ch3 overcurrent detection terminal
4
DRV1A Ch1 Pch drive output terminal
24
DRV3A Ch3 Pch drive output terminal
5
VIN1
Ch1 power supply input terminal
25
VIN3
Ch3 power supply input terminal
6
OCP1
Ch1 overcurrent detection level
resistance connection terminal
26
OCP3
Ch3 overcurrent detection level resistance
connection terminal
7
FB1
Ch1 voltage detection terminal
27
FB3
Ch3 voltage detection terminal
8
FC1
Ch1 phase compensation terminal
28
FC3
Ch3 phase compensation terminal
9
SS1
Ch1 soft start adjustment capacity
connection terminal
29
SS3
Ch3 soft start adjustment capacity
connection terminal
10
GND
GND (0V connection)
30
GND
GND (0V connection)
11
RT
Frequency adjustment resistance
connection terminal
31
TEST1
Test terminal (Connect to GND)
12
SS2
Ch2 soft start adjustment capacity
connection terminal
32
TEST2
Test terminal (connect to GND)
13
FC2
Ch2 phase compensation terminal
33
CTL1
Ch1 control terminal
14
FB2
Ch2 voltage detection terminal
34
CTL2
Ch2 control terminal
15
OCP2
Ch2 overcurrent detection level resistance
connection terminal
35
CTL3
Ch3 control terminal
16
VIN2
Ch2 power supply input terminal
36
VCC
Power supply input terminal
17
DRV2A Ch2 Pch drive output terminal
37
RESET Reset output terminal
18
LX2
Ch2 overcurrent detection terminal
38
RSTDLY
Reset delay adjustment capacity
connection terminal
19
DRV2B Ch2 Nch drive output terminal
39
MONVCC VCC monitor terminal
20
PGND2
Ch2 power GND
(same potential as terminal GND)
40
PDET
Off latch signal output
※Please give to VCC+0.3V as an operation condition in all input terminals.
However, please do not exceed the absolute maximum rating as VCC=VIN1=VIN2=VIN3.


Similar Part No. - BD8606FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV-E2 ROHM-BD8606FV-E2 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
More results

Similar Description - BD8606FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com