Electronic Components Datasheet Search |
|
BD8905F Datasheet(PDF) 1 Page - Rohm |
|
BD8905F Datasheet(HTML) 1 Page - Rohm |
1 / 16 page 1/15 www.rohm.com 2009.07 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. IC Card Interface ICs IC card interface ICs with Built-in DC / DC Converter BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F ● Overview BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV and BD8907F are an interface IC for a 3V or 5V smart card. It works as a bidirectional signal buffer between a smart card and a controller. Also, it supplies 3V or 5V power to a smart card. With electrostatic breakdown voltage of more than HBM: ±6000V, it protects the card contact pins. ● Features 1) 3 half duplex bidirectional buffers 2) Protection against short-circuit for all the card contact pins 3) Card power source (VREG) of 3V or 5V 4) Overcurrent protection for card power source 5) Built-in thermal shutdown circuit 6) Built-in supply voltage detector 7) Automatic start-up/shutdown sequence function for card contact pin Start-up sequence: driven by a signal from controller (CMDVCCB↓) Shutdown sequence: driven by a signal from controller (CMDVCCB↑) and fault detection (card removal, short circuit of card power, IC overheat detection, VDD or VDDP drop) 8) Card contact pin ESD voltage ≧ ±6000V 9) 2MHz - 26MHz integrated crystal oscillator 10) Programmable for clock division of output signal by 1, 1/2, 1/4, and 1/8 11) RST output control by RSTIN input signal (positive output) 12) One multiplexed card status output by OFFB signal ● Line up matrix Part No. Resistor to set VDD voltage detector Input Voltage Operating temperature Package VDD VDDP BD8904F External 2.7V - 5.5V 3.0V - 5.5V -40°C - +85°C SOP28 BD8904FV External 2.7V - 5.5V 3.0V - 5.5V -40°C - +85°C SSOP-B28 BD8905F External 2.7V - 5.5V 3.0V - 5.5V -25°C - +85°C SOP28 BD8906F Built-in 3.0V - 5.5V 3.0V - 5.5V -25°C - +85°C SOP28 BD8906FV Built-in 3.0V - 5.5V 3.0V - 5.5V -25°C - +85°C SSOP-B28 BD8907F Built-in 3.0V - 5.5V 3.0V - 5.5V -40°C - +85°C SOP28 ● Application Interface for smart cards Interface for B-CAS cards No.09056EAT02 |
Similar Part No. - BD8905F |
|
Similar Description - BD8905F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |