Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V7855-DPK Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5V7855-DPK
Description  EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V7855-DPK Datasheet(HTML) 3 Page - Integrated Device Technology

  5V7855-DPK Datasheet HTML 1Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 2Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 3Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 4Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 5Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 6Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 7Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 8Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDT5V7855-DPK REVISION A MARCH 11, 2010
3
©2010 Integrated Device Technology, Inc.
IDT5V7855 Data Sheet
EEPROM PROGRAMMABLE PLL DIE FOR LVCMOS CRYSTAL OSCILLATOR
Functional Description
The output frequency of the IDT5V7855 is determined by the crystal
frequency and the three programmable divider/multiplier registers:
Prescaler (P), Fractional Multiplier (M), and Output Divider (D). The
prescaler (P) is a 3-bit integer register while the output divider (D) is
a 7-bit integer register. The fractional multiplier (M) is a 19-bit register
and has the feature of a fractional component in addition to the
integer value. This allows the IDT5V7855 to be programmed to a
wide variety of output frequencies from a single input crystal
frequency.
Figure 1. Simplified Block Diagram
The actual values which may be programmed into the various
registers depend on the specified operational ranges of some of the
PLL components such as the VCO and crystal oscillator. As shown
in tables 5 and 6A, these ranges are:
VCO Range: 170MHz to 340MHz
XTAL Oscillator Range: 16MHz to 50MHz
The minimum value permitted for the feedback register is a function
of the minimum VCO frequency and the maximum phase detector
reference frequency. The maximum phase detector reference
frequency is set by the maximum crystal frequency (50MHz) divided
by the minimum prescaler divider (1) and is therefore 50MHz. The
feedback fractional multiplier register operational range can be
determined as:
M Min: 170MHz ÷ 50MHz = 3.4
M Max: 31.9993896
≈ 32
The maximum value that can be programmed into the fractional
multiplier (all 19 bits “1”) is approximately 32 (actual value is
31.99993896).
Given the VCO range and the feedback divider range, the minimum
phase detector frequency can be determined from the minimum VCO
frequency and the maximum feedback divider as:
Phase Detector Min:
170MHz ÷ 32 = 5.3125MHz
Phase Detector Max: 50MHz
The maximum value is set by the specified maximum crystal
frequency.
Prescaler (P)
The Prescaler (P) divides down the input crystal frequency prior to
the internal phase detector. The prescaler register is a 3-bit register
so the possible values which may be programmed are 1 through 7.
The specified input crystal frequency range is: 16MHz to 50MHz and
the phase detector range is: 5.3125MHz to 50MHz. So the possible
settings and ranges are:
Table 3A. Prescaler Table
Fractional Multiplier (M)
The Fractional Multiplier (M) is a 19-bit register. The operational
range of the fractional multiplier is 3.4 to approximately 32 (actually
31.99993896). The decimal multiplier value obtained from the 19-bit
fractional multiplier register can be determined as:
MDEC is the fractional multiplier (decimal) value
MBIN is the value programmed in the 19-bit register
The fractional portion of the fractional multiplier allows a
programming frequency resolution to 61/MDEC ppm. Note that higher
MDEC values will produce lower ppm error.
Examples:
For a fractional multiplier register MBIN of
1010101000000000000 binary
The ppm resolution (single LSB bit change in the MBIN) for this setting
is:
For a fractional multiplier register MBIN of
0010101010000000000 binary
The ppm resolution (single LSB bit change in the MBIN) for this setting
is:
Crystal Range
(MHz)
Prescaler
(P)
Phase Detector Frequency
(MHz)
16 – 50
1
16 – 50
16 – 50
2
8 – 25
16 – 50
3
5.3333 – 16.6667
21.25 – 50
4
5.3125 – 12.5
26.5625 – 50
5
5.3125 – 10
31.875 – 50
6
5.3125 – 8.3333
37.1875 – 50
7
5.3125 – 7.1429
M
DEC
M
BIN
16384
----------------
=
M
DEC
348160
16384
--------------------
21.2500
==
61ppm
21.25
-------------------
2.9ppm
=
M
DEC
87040
16384
----------------
5.3125
==
61ppm
5.3125
-------------------
11.5ppm
=


Similar Description - 5V7855-DPK

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2048WAF CYPRESS-CY2048WAF Datasheet
79Kb / 7P
   Flash Programmable Capacitor Tuning Array Die for Crystal Oscillator(XO)
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Renesas Technology Corp
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com