Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V7855SWFR Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 5V7855SWFR
Description  EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V7855SWFR Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 5V7855SWFR Datasheet HTML 2Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 3Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 4Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 5Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 6Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 7Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 8Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 9Page - Integrated Device Technology 5V7855SWFR Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IDT5V7855-DPK REVISION A MARCH 11, 2010
6
©2010 Integrated Device Technology, Inc.
IDT5V7855 Data Sheet
EEPROM PROGRAMMABLE PLL DIE FOR LVCMOS CRYSTAL OSCILLATOR
Programming Instructions
The IDT5V7855 registers, along with some control functions, are
written and the EEPROM burned through a serial write using the
CONT and OUT pins. During the programming the CONT pin
functions as a Data input while the OUT pin functions as a Clock
input. The data registers are not addressed individually but are all
written sequentially with the most significant bit first. All registers
must be written when programming the device. The order of registers
/ control bits and the number of bits per register are:
9 bits
Tuning Capacitor Register T[8:0]
19 bits
Fractional Multiplier Register M[18:0]
3 bits
Prescaler Register P[2:0]
3 bits
Factory Test Mode Register F[2:0]
1 bit
PLL Bypass Mode (0 = crystal oscillator connected directly to output divider, 1 = PLL used)
1 bit
Power Down Control (0 = CONT acts as an output enable, 1 = CONT acts as power down)
1 bit
Output Enable Type (0 = synchronous output enable, 1 = asynchronous output enable)
7 bits
Output Divider Register D[6:0]
Table 3E. Register Table
Register
Name
Tuning
Capacitor
Fractional
Multiplier
Prescaler
(P)
Factory Test
Mode
PLL
Mode
Power Down
Control
Output Enable
Control
Output
Divider
# of Bits
9-bit
19-bit
3-bit
3-bit
1-bit
1-bit
1-bit
7-bit
Symbol
T[8:0]
M[18:0]
P[2:0]
F[2:0]
D[6:0]


Similar Description - 5V7855SWFR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2048WAF CYPRESS-CY2048WAF Datasheet
79Kb / 7P
   Flash Programmable Capacitor Tuning Array Die for Crystal Oscillator(XO)
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Renesas Technology Corp
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com