Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0394A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0394A
Description  SAW Filter 942.5MHz SMD 3.0횞3.0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0394A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0394A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0394A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0394A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0394A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0394A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0394A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. Reflections Functions :
S11
S22


Similar Part No. - TA0394A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0394A GOLLEDGE-TA0394A Datasheet
257Kb / 5P
   SAW Filter 942.50MHz
More results

Similar Description - TA0394A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0152A TAI-SAW-TA0152A Datasheet
1Mb / 7P
   SAW Filter 942.5MHz For EGSM SMD 3.0횞3.0
TA2433A TAI-SAW-TA2433A Datasheet
396Kb / 7P
   SAW Filter 942.5MHz SMD 3.0횞3.0 mm (BW=35MHz)
logo
Abracon Corporation
AFS942.5W02-TS4 ABRACON-AFS942.5W02-TS4 Datasheet
264Kb / 2P
   SMD 942.5MHz SAW FILTER
AFS942.5W01-TS4 ABRACON-AFS942.5W01-TS4 Datasheet
1Mb / 2P
   SMD 942.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0179A TAI-SAW-TA0179A Datasheet
812Kb / 6P
   SAW Filter 942.5MHz
TA0169A TAI-SAW-TA0169A Datasheet
286Kb / 6P
   SAW Filter 836.5MHz SMD 3.0횞3.0
logo
Golledge Electronics Lt...
MA06345 GOLLEDGE-MA06345 Datasheet
184Kb / 5P
   SAW Filter 942.5MHz
MA06221 GOLLEDGE-MA06221 Datasheet
113Kb / 5P
   SAW Filter 942.5MHz
MA04236 GOLLEDGE-MA04236 Datasheet
203Kb / 5P
   SAW Filter 942.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com