Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0425A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0425A
Description  SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0425A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0425A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0425A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
D. PCB Footprint:
E. MEASUREMENT CIRCUIT:
150 Ω
33 nH


Similar Part No. - TA0425A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0425A GOLLEDGE-TA0425A Datasheet
293Kb / 7P
   1542.50MHz SAW Filter
More results

Similar Description - TA0425A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0654A TAI-SAW-TA0654A Datasheet
366Kb / 8P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0295A TAI-SAW-TA0295A Datasheet
566Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0434A TAI-SAW-TA0434A Datasheet
381Kb / 7P
   SAW Filter 940.5 MHz SMD 2.5X2.0 mm
TA1405C TAI-SAW-TA1405C Datasheet
398Kb / 7P
   SAW Filter 1542.5 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA2240A TAI-SAW-TA2240A Datasheet
419Kb / 7P
   SAW Filter 1542.5 MHz
TA2623A TAI-SAW-TA2623A Datasheet
883Kb / 8P
   SAW Filter 1542.5 MHz SMD 1.4횞1.1 mm (BW=35 MHz)
logo
RF Monolithics, Inc
SF2275E RFM-SF2275E Datasheet
798Kb / 5P
   1542.5 MHz SAW Filter
SF2235G RFM-SF2235G Datasheet
577Kb / 5P
   1542.5 MHz SAW Filter
SF2235E RFM-SF2235E Datasheet
837Kb / 5P
   1542.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com