Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6602 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6602
Description  2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6602 Datasheet HTML 1Page - Analog Devices ADRF6602 Datasheet HTML 2Page - Analog Devices ADRF6602 Datasheet HTML 3Page - Analog Devices ADRF6602 Datasheet HTML 4Page - Analog Devices ADRF6602 Datasheet HTML 5Page - Analog Devices ADRF6602 Datasheet HTML 6Page - Analog Devices ADRF6602 Datasheet HTML 7Page - Analog Devices ADRF6602 Datasheet HTML 8Page - Analog Devices ADRF6602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADRF6603
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
RF Specifications .......................................................................... 3
Synthesizer/PLL Specifications................................................... 4
Logic Input and Power Specifications ....................................... 5
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 9
Register Structure ........................................................................... 11
Register 0—Integer Divide Control (Default: 0x0001C0)..... 11
Register 1—Modulus Divide Control (Default: 0x003001) .. 11
Register 2—Fractional Divide Control (Default: 0x001802) 12
Register 3—Σ-Δ Modulator Dither Control (Default:
0x10000B).................................................................................... 12
Register 4—PLL Charge Pump, PFD, and Reference Path
Control (Default: 0x0AA7E4)................................................... 13
Register 5—PLL Enable and LO Path Control (Default:
0x0000E5).................................................................................... 14
Register 6—VCO Control and VCO Enable (Default:
0x1E2106).................................................................................... 14
Register 7—Mixer Bias Enable and External VCO Enable
(Default: 0x000007).................................................................... 14
Theory of Operation ...................................................................... 15
Programming the ADRF6603................................................... 15
Initialization Sequence .............................................................. 15
LO Selection Logic ..................................................................... 16
Applications Information .............................................................. 17
Basic Connections for Operation............................................. 17
Evaluation Board ............................................................................ 18
Evaluation Board Control Software......................................... 18
Schematics and Artwork ........................................................... 20
Evaluation Board Configuration Options............................... 22
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
3/10—Revision 0: Initial Version


Similar Part No. - ADRF6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6602-EVALZ AD-ADRF6602-EVALZ Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602ACPZ-R7 AD-ADRF6602ACPZ-R7 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results

Similar Description - ADRF6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6620 AD-ADRF6620 Datasheet
2Mb / 52P
   700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
REV. 0
logo
Hittite Microwave Corpo...
HMC829LP6GE_1109 HITTITE-HMC829LP6GE_1109 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC829LP6GE HITTITE-HMC829LP6GE Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
logo
Analog Devices
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com