Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA450E1 Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA450E1
Description  SAW Filter 450MHz F11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA450E1 Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA450E1 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA450E1 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA450E1 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA450E1 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 450 MHz
MODEL NO.: TA450E1
REV. NO.:2
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 10 V
3.Operating Temperature: -10
°C to +50°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Specification
Note
Center frequency
FC
(MHz)
450
1
I.L. (Within FC± 4 MHz)
(dB )
4.5 max.
Ripple( Within FC ± 4MHz)
(dB )
2.5 max.
1
Attenuation:( Reference level from 0 dB)
(dB )
FC - 100MHz to -40.8MHz
(dB )
50 min.
1
FC +40MHz to + 100MHz
(dB )
42 min.
Impedance at FC ; Input
ZIN =RIN//CIN
50
Ω // 0PF
2
Output ZOUT =ROUT//COUT
50
Ω // 0PF
2
Note1. The standard definitions is in JIS C 6703
Note2.
ZIN=50Ω//0pF
ZOUT=50Ω//0pF
Source im pedance
50
Load impedance
50


Similar Part No. - TA450E1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4500F TOSHIBA-TA4500F Datasheet
335Kb / 12P
   1.9 GHz Band RX Front-End IC
More results

Similar Description - TA450E1

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA466E1 TAI-SAW-TA466E1 Datasheet
197Kb / 4P
   SAW Filter 466MHz F11
TA0396A TAI-SAW-TA0396A Datasheet
429Kb / 4P
   SAW Filter 413.9MHz F11
TC0223A TAI-SAW-TC0223A Datasheet
216Kb / 3P
   SAW Resonator 315.15 MHz F11
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
   SAW Resonator 390.000 MHz F11
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
logo
SIPAT Co,Ltd
SP45001 SIPAT-SP45001 Datasheet
155Kb / 4P
   450MHz Low-loss SAW Filter 45MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TC0232A TAI-SAW-TC0232A Datasheet
209Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com