Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8967FVM Datasheet(PDF) 2 Page - Rohm

Part # BD8967FVM
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8967FVM Datasheet(HTML) 2 Page - Rohm

  BD8967FVM Datasheet HTML 1Page - Rohm BD8967FVM Datasheet HTML 2Page - Rohm BD8967FVM Datasheet HTML 3Page - Rohm BD8967FVM Datasheet HTML 4Page - Rohm BD8967FVM Datasheet HTML 5Page - Rohm BD8967FVM Datasheet HTML 6Page - Rohm BD8967FVM Datasheet HTML 7Page - Rohm BD8967FVM Datasheet HTML 8Page - Rohm BD8967FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BD8967FVM
Technical Note
2/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
(Ta=25℃, VCC=5V, EN=VCC unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Standby current
ISTB
-
0
10
μA
EN=GND
Bias current
ICC
-
250
450
μA
EN Low voltage
VENL
-
GND
0.8
V
Standby mode
EN High voltage
VENH
2.0
VCC
-
V
Active mode
EN input current
IEN
-
1
10
μA
VEN=5V
Oscillation frequency
FOSC
0.8
1
1.2
MHz
Pch FET ON resistance
RONP
-
350
600
mΩ
PVCC=5V
Nch FET ON resistance
RONN
-
250
500
mΩ
PVCC=5V
Output voltage
VOUT
3.234
3.300
3.366
V
ITH SInk current
ITHSI
10
20
-
μA
VADJ=H
ITH Source Current
ITHSO
10
20
-
μA
VADJ=L
UVLO threshold voltage
VUVLO1
3.90
4.10
4.30
V
VCC=4.5→0V
UVLO release voltage
VUVLO2
3.95
4.20
4.50
V
VCC=0→4.5V
Soft start time
TSS
0.5
1
2
ms
Timer latch time
TLATCH
0.5
1
2
ms
Block Diagram, Application Circuit
Pin No. & function table
Pin No.
Pin name
PIN function
1
VOUT
Output voltage detect pin
2
ITH
GmAmp output pin/Connected phase compensation capacitor
3
EN
Enable pin(Active High)
4
GND
Ground
5
PGND
Nch FET source pin
6
SW
Pch/Nch FET drain output pin
7
PVCC
Pch FET source pin
8
VCC
VCC power supply input pin
Fig.1 BD8967FVM View
Fig.2 BD8967FVM Block Diagram
4
1
5
8
0.475
0.65
2.9
±0.1
0.08 S
0.145
0.22
+0.05
-0.04
+0.05
-0.03
S
4
+6
-4
Max3.25(include.BURR)
D 8 9
6
7
Lot No.
1PIN MARK
VREF
OSC
UVLO
TSD
Current
Sense/
Protect
Driver
Logic
+
Soft
Start
8
7
6
5
4
2
1
3
R Q
S
EN
VCC
PVCC
Input
SW
Output
PGND
GND
ITH
Vout
VCC
SLOPE
Current
Comp.
Gm Amp.
CLK
VCC


Similar Part No. - BD8967FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8967FVM ROHM-BD8967FVM Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8967FVM ROHM-BD8967FVM Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD8967FVM-TR ROHM-BD8967FVM-TR Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8967FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com