Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMV2114-GM1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GMV2114-GM1
Description  Surface Mount Varactor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GMV2114-GM1 Datasheet(HTML) 2 Page - Microsemi Corporation

  GMV2114-GM1 Datasheet HTML 1Page - Microsemi Corporation GMV2114-GM1 Datasheet HTML 2Page - Microsemi Corporation GMV2114-GM1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GMV1000 / GMV2100 / GMV5000
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-02-09
RoHS Compliant
GigaMite
Surface Mount Varactor Diodes
Low Voltage / High Sensitivity Varactors
20V FLTVAR GigaMite
20V HyperAbrupt GigaMite
30V Abrupt Junction GigaMite
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@ VR=1V
(Min)
CT(pF)
1
@ VR=2.5V
(Min – Max)
CT(pF)
@ VR=4V
(Max)
CT(pF)
@ VR=8V
(Typ)
Q
2
(Min)
GMV1981-GM1
12
1.2
0.7 – 1.1
0.5
0.25
1200
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@0V
(Min)
CT(pF)
1
@-4V
(Min – Max)
CT(pF)
@-20V
(Max)
Ratio
CT0/CT20
(Typ)
Q
2
(Min)
GMV5007-GM1
22
2.5
0.9 – 1.3
0.5
13:1
1200
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@ VR=0V
(Min)
CT(pF)
1
@ VR=4V
(Min-Max)
CT(pF)
@ VR=20V
(Max)
Ratio
CT4/CT20
(Typ)
Q
2
(Min)
GMV2114-GM1
22
2.1
0.8 – 1.1
0.5
3.3
900
GMV2134-GM1
22
4.9
1.7 – 2.2
0.7
3.7
750
GMV2154-GM1
22
14
4.4 – 5.5
1.3
4.1
600
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@ VR=0V
(Min)
CT(pF)
1
@ VR=4V
(Min-Max)
CT(pF)
@ VR=30V
(Max)
Ratio
CT0/CT30
(Typ)
Q
2
(Min)
GMV1542-GM1
30
2.4
1.0 – 1.3
0.75
3.4
3800
1. F = 1MHz.
2. V=4 V, F = 50 MHz


Similar Part No. - GMV2114-GM1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV7811-000 SKYWORKS-GMV7811-000 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV7821 SKYWORKS-GMV7821 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV7821-000 SKYWORKS-GMV7821-000 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
GMV9801 SKYWORKS-GMV9801 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
More results

Similar Description - GMV2114-GM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMV1299 ETC1-SMV1299 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
Microsemi Corporation
GCX1202 MICROSEMI-GCX1202 Datasheet
97Kb / 2P
   VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
KV1913A MICROSEMI-KV1913A_1 Datasheet
158Kb / 3P
   ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com