Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9134MUV Datasheet(PDF) 10 Page - Rohm

Part # BD9134MUV
Description  Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9134MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD9134MUV Datasheet HTML 6Page - Rohm BD9134MUV Datasheet HTML 7Page - Rohm BD9134MUV Datasheet HTML 8Page - Rohm BD9134MUV Datasheet HTML 9Page - Rohm BD9134MUV Datasheet HTML 10Page - Rohm BD9134MUV Datasheet HTML 11Page - Rohm BD9134MUV Datasheet HTML 12Page - Rohm BD9134MUV Datasheet HTML 13Page - Rohm BD9134MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
10/17
BD9134MUV
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Consideration on permissible dissipation and heat generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation. In case of extreme conditions, however, including lower input voltage,
higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation must be
carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered. Because
the conduction losses are considered to play the leading role among other dissipation mentioned above including gate
charge/discharge dissipation and switching dissipation.
P=IOUT
2×RON
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RONH:ON resistance of Highside MOS FET
RONL:ON resistance of Lowside MOS FET
IOUT:Output current
If VCC=5V, VOUT=3.3V, RONH=82mΩ, RONL=70mΩ
IOUT=3A, for example,
D=VOUT/VCC=3.3/5.0=0.66
RON=0.66×0.082+(1-0.66)×0.07
=0.05412+0.0238
=0.07792[Ω]
P=3
2×0.07792=0.70128[W]
As RONH is greater than RONL in this IC, the dissipation increases as the ON duty becomes greater. With the consideration
on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
Fig.26 Thermal derating curve
(VQFN020V4040)
Ambient temperature:Ta [℃]
0
25
50
75
100
125
150
0
2.0
3.0
4.0
1.21W
3.56W
1.0
0.70W
0.34W
4 layers (Copper foil area : 5505mm
2)
copper foil in each layers.
θ
j-a=35.1℃/W
4 layers (Copper foil area : 10.29m
2)
copper foil in each layers.
θ
j-a=103.3℃/W
4 layers (Copper foil area : 10.29m
2)
θ
j-a=178.6℃/W
IC only.
105


Similar Part No. - BD9134MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9134MUV ROHM-BD9134MUV Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV ROHM-BD9134MUV Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV-E2 ROHM-BD9134MUV-E2 Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV-E2 ROHM-BD9134MUV-E2 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9134MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9132MUV ROHM-BD9132MUV Datasheet
525Kb / 17P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9141MUV ROHM-BD9141MUV Datasheet
375Kb / 19P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_10 Datasheet
366Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130EFJ ROHM-BD9130EFJ Datasheet
448Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_09 Datasheet
488Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130NV ROHM-BD9130NV_09 Datasheet
417Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV_0909 ROHM-BD9134MUV_0909 Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9139MUV ROHM-BD9139MUV Datasheet
388Kb / 17P
   Output 2A or More High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD91361MUV ROHM-BD91361MUV Datasheet
418Kb / 18P
   Output 2A More High-efficiency Step-down Switching Regulator with Built-in Power MOS FET
BD9123MUV ROHM-BD9123MUV_11 Datasheet
435Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com