Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9207FPS Datasheet(PDF) 3 Page - Rohm

Part # BD9207FPS
Description  Step-down type with 1.5A output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9207FPS Datasheet(HTML) 3 Page - Rohm

  BD9207FPS Datasheet HTML 1Page - Rohm BD9207FPS Datasheet HTML 2Page - Rohm BD9207FPS Datasheet HTML 3Page - Rohm BD9207FPS Datasheet HTML 4Page - Rohm BD9207FPS Datasheet HTML 5Page - Rohm BD9207FPS Datasheet HTML 6Page - Rohm BD9207FPS Datasheet HTML 7Page - Rohm BD9207FPS Datasheet HTML 8Page - Rohm BD9207FPS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Note
3/11
BD9207FPS
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Block diagram
●Outline drawing of package
●Explanation of terminal
※Used normally in open-circuit condition
Pin No.
Pin Name
Function
1
VCC
Supply voltage
terminal
2
OUT
Drain terminal of
built-in PMOS FET
3※
OUT
Drain terminal of
built-in PMOS FET
FIN
GND
Ground terminal
4
INV
Output voltage
feedback
terminal
5
STBY
ON/OFF control
terminal
TO252S-5(Unit:mm)
SS
VREF
OSC
1
2
DRIVER
PWM COMP
CTL
LOGIC
TSD
Error AMP
4
INV
OUT
GND
STBY
5
VCC
OCP
STBY
FIN


Similar Part No. - BD9207FPS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD9203EFV ROHM-BD9203EFV Datasheet
190Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9204F ROHM-BD9204F Datasheet
187Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
   Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
More results

Similar Description - BD9207FPS

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
STMicroelectronics
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
logo
STMicroelectronics
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
logo
Lowpower Semiconductor ...
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
   1.5MHz, 1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com