Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3221ARZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADV3221ARZ-RL
Description  800 MHz, 4:1 Analog Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3221ARZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3221ARZ-RL Datasheet HTML 7Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 8Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 9Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 10Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 11Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 12Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 13Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 14Page - Analog Devices ADV3221ARZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 11 of 20
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
010
20
40
30
TIME (ns)
INPUT –1V
INPUT +1V
CS
Figure 24. ADV3221 Disable Timing
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
1
0
–1
010
20
50
40
OUTPUT
A0
30
TIME (ns)
Figure 25. ADV3221 Switching Glitch Rising Edge
6
5
4
3
2
1
0
–1
010
20
50
40
A0
30
TIME (ns)
OUTPUT
100
–100
–80
–60
–40
–20
0
20
40
60
80
Figure 26. ADV3221 Switching Glitch Falling Edge
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
010
20
40
30
TIME (ns)
INPUT –0.5V
INPUT +0.5V
CS
Figure 27. ADV3222 Disable Timing
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
1
0
–1
010
20
50
40
OUTPUT
A0
30
TIME (ns)
Figure 28. ADV3222 Switching Glitch Rising Edge
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
1
0
–1
010
20
50
40
OUTPUT
A0
30
TIME (ns)
Figure 29. ADV3222 Switching Glitch Falling Edge


Similar Part No. - ADV3221ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Similar Description - ADV3221ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
logo
ELMOS Semiconductor AG
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
   Analog multiplexer 8:1
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
TMUX1204 TI1-TMUX1204 Datasheet
1Mb / 31P
[Old version datasheet]   5-V, 4:1, General Purpose Analog Multiplexer
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2_1 Datasheet
85Kb / 2P
   4:1 Step-up Transformer 2.0 - 800 MHz
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674_V01 Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com