Electronic Components Datasheet Search |
|
BD9251FV Datasheet(PDF) 1 Page - Rohm |
|
BD9251FV Datasheet(HTML) 1 Page - Rohm |
1 / 5 page 1/4 REV. A STRUCTURE Silicon Monolithic Integrated Circuit TYPE BD9251FV PRODUCT Preamp IC for Pyroelectricity Infrared Sensor FEATURES 1)Amplifier for sensor output 2)Comparator for sensor output 3)Built-in voltage regulator 4)Built-in moving detector ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Limits Units Supply Voltage V DD -0.3~7.0 V Power Dissipation Pd 440※1 mW Operating Temperature T opr -30~75 ℃ Storage Temperature T stg -55~125 ℃ ※1. It reduces 3.5mW/℃ then Ta≧25℃. (On glass epoxy board of 70mm×70mm×1.6mm) ●Operating Conditions Parameter Symbol Min. Typ. Max. Units Remarks Supply Voltage V DD 2.97 5.0 6.0 V A1P_IN Offset Voltage V A1P_IN_OFFSET - 1.5 - V V DRAIN=2.3V This product don't design for protection radioactive rays. |
Similar Part No. - BD9251FV |
|
Similar Description - BD9251FV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |