Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9275F Datasheet(PDF) 2 Page - Rohm

Part # BD9275F
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9275F Datasheet(HTML) 2 Page - Rohm

  BD9275F Datasheet HTML 1Page - Rohm BD9275F Datasheet HTML 2Page - Rohm BD9275F Datasheet HTML 3Page - Rohm BD9275F Datasheet HTML 4Page - Rohm BD9275F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
○Electric Characteristics(Ta=25℃、VCC=12V、STB=3.0V)
Item
SYMBOL
LIMIT
UNIT
CONDITION
MIN.
TYP.
MAX.
((WHOLE DEVICE))
Operating current
Icc1
2.0
4.0
mA
RT=100kΩ, FB=GND, IS=1.5V
Stand-by current
Icc2
0
20
μA
VSTB=0V
((STAND BY CONTROL))
Stand-by voltage H
VSTBH
2
-
VCC
V
System ON
Stand-by voltage L
VSTBL
-0.3
-
0.8
V
System OFF
STB PIN pull down resistor
RSTB
180
375
750
VSTB=2V
((VCC UVLO BLOCK))
Operating voltage
VCC_UVLO
7.2
7.5
7.8
V
VCC=6V→8V sweep
Hesteresis width
⊿UVLO_HYS
0.3
0.5
0.7
V
VCC=8V→6V sweep
((OSC BLOCK)
RT pin Voltage
VRT
1.300
1.500
1.700
V
RT=100kΩ
SRT ON resistance
RSRT
75
150
Ω
VSRT=0.1V
((PWM Dimming Block))
PWM_IN PIN voltage H
VPWMIN_H
2.4
-
5
V
VPWM_IN=0V⇒3.0V
PWM_IN PIN voltage L
VPWMIN_L
-0.3
-
0.8
V
VPWM_IN=3.0V⇒0V
PWM_IN PIN pull down resistor
R_PWMIN
1000
2000
4000
VPWM_I=5V
((FEED BACK BLOCK))
IS threshold voltage
VIS
1.225
1.250
1.275
V
VS threshold voltage
VVS
1.200
1.250
1.300
V
IS source current
IIS
16
20
24
μA
IS=1.0V
IS COMP detect voltage
VISCOMP
0.565
0.625
0.685
V
IS=1.3V→0.5V
((SLOW START BLOCK))
SS term END Voltage
VSS
2.400
2.500
2.600
V
VSS=0V⇒3V
Soft start current
ISS
1.7
2.0
2.3
μA
VSS=1.0V IS=1.5V
((COMP BLOCK))
COMP over voltage
detect voltage
VCOMPH
1.900
2.000
2.100
V
VSS>2.5V VCOMP=1.5V→2.5V
Hysterisis width (COMP)
⊿VCOMPH
0.100
0.200
0.300
V
VSS<2.0V VCOMP=2.5V→1.5V
COMP PIN pull down resistor
RCOMP
1000
2000
4000
COMP=5V
FAIL ON resistance
RFAIL
75
150
Ω
VFAIL=0.1V
((OUTPUT BLOCK))
N1,N2 PIN output
sink resistance
RsinkN
1.5
3.0
6.0
Ω
IIN=100mA
N1,N2 PIN output
source resistance
RsourceN
4.5
9
18
Ω
IIN=-100mA
MAX DUTY
MAX DUTY
45
47.0
49.5
%
FOUT=50kHz
Drive output frequency
FOUT
48.25
50
51.75
kHz
RT=100kΩ
((TIMER BLOCK))
Timer Latch setting voltage
VCP
2.900
3.000
3.100
V
VCP=0V⇒3.2V
Timer Latch setting current
ICP
1.7
2.0
2.3
μA
CP=1.0V IS=1.5V COMP=3.0V
(This product is not designed to be radiation-resistant.)


Similar Part No. - BD9275F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9270F ROHM-BD9270F Datasheet
192Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
BD9271KUT-XX ROHM-BD9271KUT-XX Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
More results

Similar Description - BD9275F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com