Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9351MWV Datasheet(PDF) 4 Page - Rohm

Part # BD9351MWV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9351MWV Datasheet(HTML) 4 Page - Rohm

  BD9351MWV Datasheet HTML 1Page - Rohm BD9351MWV Datasheet HTML 2Page - Rohm BD9351MWV Datasheet HTML 3Page - Rohm BD9351MWV Datasheet HTML 4Page - Rohm BD9351MWV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. A
○Operation Notes
1.) Absolute maximum ratings
This product is produced with strict quality control. However, the IC may be destroyed if operated beyond its absolute
maximum ratings. If the device is destroyed by exceeding the recommended maximum ratings, the failure mode will be difficult
to determine. (E.g. short mode, open mode) Therefore, physical protection counter-measures (like fuse) should be implemented
when operating conditions beyond the absolute maximum ratings anticipated.
2.) GND potential
Make sure GND is connected at lowest potential. All pins except NON5, must not have voltage below GND. Also, NON5 pin must
not have voltage below - 0.3V on start up.
3.) Setting of heat
Make sure that power dissipation does not exceed maximum ratings.
4.) Pin short and mistake fitting
Avoid placing the IC near hot part of the PCB. This may cause damage to IC. Also make sure that the output-to-output and output
to GND condition will not happen because this may damage the IC.
5.) Actions in strong magnetic field
Exposing the IC within a strong magnetic field area may cause malfunction.
6.) Mutual impedance
Use short and wide wiring tracks for the main supply and ground to keep the mutual impedance as small as possible. Use inductor
and capacitor network to keep the ripple voltage minimum.
7.) Voltage of STB pin
The threshold voltages of STB pin are 0.3V and 1.5V. STB state is set below 0.3V while action state is set beyond 1.5V.
The region between 0.3V and 1.5V is not recommended and may cause improper operation.
The rise and fall time must be under 10msec. In case to put capacitor to STB pin, it is recommended to use under 0.01μF.
8.) Thermal shutdown circuit (TSD circuit)
The IC incorporates a built-in thermal shutdown circuit (TSD circuit). The thermal shutdown circuit (TSD circuit) is designed only
to shut the IC off to prevent runaway thermal operation. It is not designed to protect the IC or guarantee its operation. Do not
continue to use the IC after operating this circuit or use the IC in an environment where the operation of this circuit is assumed.
9.)Rush current at the time of power supply injection.
An IC which has plural power supplies, or CMOS IC could have momentary rush current at the time of power supply injection.
Please take care about power supply coupling capacity and width of power Supply and GND pattern wiring.
10.)IC Terminal Input
This IC is a monolithic IC that has a P- board and P+ isolation for the purpose of keeping distance between elements. A P-N junction
is formed between the P-layer and the N-layer of each element, and various types of parasitic elements are then formed.
For example, an application where a resistor and a transistor are connected to a terminal (shown in Fig.15):
○When GND > (terminal A) at the resistor and GND > (terminal B) at the transistor (NPN), the P-N junction operates as
a parasitic diode.
○When GND > (terminal B) at the transistor (NPN), a parasitic NPN transistor operates as a result of the NHayers of other
elements in the proximity of the aforementioned parasitic diode.
Parasitic elements are structurally inevitable in the IC due to electric potential relationships. The operation of parasitic elements
Induces the interference of circuit operations, causing malfunctions and possibly the destruction of the IC. Please be careful not to
use the IC in a way that would cause parasitic elements to operate. For example, by applying a voltage that is lower than the
GND (P-board) to the input terminal.
(TerminalA)
GND
Parasitic element
Parasitic element
(Terminal B)
Transistor (NPN)
GND
P-board
N
P
N
P
P
B
N
E
C
GND
P-board
N
P
N
N
P
P
(Terminal A)
Parasitic element
Resistor
Fig - 3 Simplified structure of a Bipolar IC


Similar Part No. - BD9351MWV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD935 PHILIPS-BD935 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Inchange Semiconductor ...
BD935 ISC-BD935 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD935 NJSEMI-BD935 Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD9350MWV ROHM-BD9350MWV Datasheet
297Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9352GUL ROHM-BD9352GUL Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9351MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com