Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0615A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0615A
Description  SAW Filter 311.06MHz SMD 3.8횞3.8mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0615A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0615A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0615A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0615A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0615A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0615A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0615A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
H. REFLOW PROFILE
Recomended Reflow Profile
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)


Similar Part No. - TA0615A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0615A GOLLEDGE-TA0615A Datasheet
192Kb / 5P
   311.06MHz SAW Filter
More results

Similar Description - TA0615A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0538A TAI-SAW-TA0538A Datasheet
522Kb / 5P
   SAW Filter 868.6MHz SMD 3.8횞3.8mm
TA0706A TAI-SAW-TA0706A Datasheet
372Kb / 6P
   SAW Filter 426MHz SMD 3.8횞3.8mm
TA0736A TAI-SAW-TA0736A Datasheet
607Kb / 6P
   SAW Filter 800MHz SMD 3.8횞3.8mm
TA0594A TAI-SAW-TA0594A Datasheet
317Kb / 7P
   SAW Filter 441.265MHz SMD 3.8횞3.8mm
TA0655A TAI-SAW-TA0655A Datasheet
366Kb / 6P
   SAW Filter 430MHz SMD 3.8횞3.8mm
TA0708A TAI-SAW-TA0708A Datasheet
372Kb / 6P
   SAW Filter 433.5MHz SMD 3.8횞3.8mm
TA0692A TAI-SAW-TA0692A Datasheet
346Kb / 6P
   SAW Filter 433MHz SMD 3.8횞3.8mm
TA0450A TAI-SAW-TA0450A Datasheet
1Mb / 6P
   SAW Filter 802MHz SMD 3.8횞3.8mm
TA0593A TAI-SAW-TA0593A Datasheet
318Kb / 7P
   SAW Filter 428.835MHz SMD 3.8횞3.8mm
TA0672A TAI-SAW-TA0672A Datasheet
365Kb / 6P
   SAW Filter 315MHz SMD 3.8횞3.8mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com