Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9848FV Datasheet(PDF) 2 Page - Rohm

Part # BD9848FV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9848FV Datasheet(HTML) 2 Page - Rohm

  BD9848FV Datasheet HTML 1Page - Rohm BD9848FV Datasheet HTML 2Page - Rohm BD9848FV Datasheet HTML 3Page - Rohm BD9848FV Datasheet HTML 4Page - Rohm BD9848FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. C
○Electrical characteristics (Unless otherwise specified, Ta=25℃,VCC=6V)
Item
Symbol
limits
Unit
Conditions
Min.
Typ.
Max.
【Triangular wave oscillator block】
Oscillation frequency
fOSC
95
106
117
kHz
CCP=1800pF
Frequency variation
fDV
0
1
%
Vcc=3.6V→35V
【Soft-start block】
SS pin source current
ISSSO
1.4
2
2.6
μA
SS=0.5V
SS pin sink current
ISSSI
5
12
mA
SS=0.5V
【Dead time adjustable circuit block】
DT pin input bias current
IDT
0.1
1
μA
DT=1.75V
DT pin sink current
IDTSI
1
3.3
mA
DT=1.75V, (OCP+)-(OCP-)=0.5V
【UVLO block】
Threshold voltage
VUTH
3.0
3.2
3.4
V
Vcc when rise time
Hysterisis
VUHYS
0.15
0.25
V
【Error Amp block】
Non-Inverting
input
reference
VINV
0.99
1
1.01
V
INV=FB
Reference voltage variation
dVinv
1
6
mV
Vcc=3.6V→35V
INV input bias current
IIB
0
1
μA
INV=1V
Open loop gain
AV
70
85
dB
Output FB voltage (Hi)
VFBH
2.30
VREF
V
Output FB voltage (Low)
VFBL
0.6
1.3
V
Output sink current
IFBSI
0.5
1.5
mA
FB=1.25V , INV=1.5V
Output source current
IFBSO
50
105
μA
FB=1.25V , INV=0V
【PWM comparator】
Input threshold voltage
(fosc=100kHz)
Vt0
1.4
1.5
1.6
V
On duty 0%
Vt100
1.9
2
2.1
V
On duty 100%
【Output block】
Output ON resistance H
RONH
4
10
Ω
RONH=( VCC -OUT)/ Iout, Iout=0.1A
Output ON resistance L
RONL
3.3
10
Ω
RONL=(OUT-C5V)/ Iout, Iout=0.1A
C5V clamp voltage
VCLMP
4.5
5
5.5
V
VCLMP= VCC-C5V , VCC >7V
【Over current protection circuit (OCP) block】
OCP threshold voltage
VOCPTH
0.04
0.05
0.06
V
Voltage between (OCP+)-(OCP-)
OCP-input bias current
IOCP-
0.1
10
μA
OCP+= VCC, OCP-= VCC-0.05V
Delay time for OCP
tdocpth
200
400
nS
OCP-= VCC→VCC-0.2V
Min. hold time for OCP
tdocpre
0.8
1.6
mS
OCP-= VCC-0.2V→VCC
【Stand-by switch block】
Threshold voltage for each CH stop
VDTthL
1.1
1.25
1.4
V
DT Pin H/L
Stand-by mode setting voltage range
VSTBL
0
0.5
V
Slave mode setting voltage range
VSTBM
2.4
2.5
2.6
V
Active(Master) mode setting voltage range
VSTBH
3
VCC
V
STB current
ISTB
70
100
μA
STB=6V
【Total device】
Stand-by current
ICCS
0
1
μA
STB=0V
Average current consumption
ICCA
1.5
3
6
mA
INV=0V, FB=H, DT=1.75V
※Not designed for radiation resistance.


Similar Part No. - BD9848FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9842FVE ROHM-BD9842FVE Datasheet
1Mb / 17P
   Dual-output High-frequency step-down Switching Regulator (Controller type)
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9845FV ROHM-BD9845FV Datasheet
549Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9845FV-E2 ROHM-BD9845FV-E2 Datasheet
549Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9845FV ROHM-BD9845FV_11 Datasheet
549Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
More results

Similar Description - BD9848FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com