Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0730A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0730A
Description  SAW Filter 1178.12 MHz SMD 3.0X3.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0730A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0730A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0730A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1178.12 MHz
MODEL NO.:TA0730A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (differential) :
Zs = 150 Ω // 33 nH
Terminating load impedance (differential) :
ZL = 150 Ω // 33 nH
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
1178.12
-
-
Bandwidth at –2.5 dB
MHz
40
52
-
-
Insertion Loss in 1158.12~1198.12 MHz
dB
-
2.4
5
-
Amplitude ripple (1158.12 MHz ~ 1198.12 MHz) dB
-
0.7
2
-
Phase error (1158.12 MHz ~ 1198.12 MHz) (3)
deg
-
5
6.5
-
I/O VSWR (1158.12 MHz ~ 1198.12 MHz)
-
1.8
2.5
-
Attenuation (1)
50 ~ 1096.06
MHz
dB
46
52
-
-
1260.18 ~ 2000 MHz
dB
46
55
-
-
2000 ~ 4250
MHz
dB
35
40
-
-
4250 ~ 6000
MHz
dB
30
40
-
-
Notes :
(1) The amplitude reference is insertion loss at Fc.
(2) The amplitude ripple is defined as the max. level – min. level over any 30 MHz
block of the given bandwidth.
(3) The phase error is measured over any 30 MHz block of the given bandwidth.
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0730A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0731A TAI-SAW-TA0731A Datasheet
464Kb / 5P
   SAW Filter 460MHz SMD 5.0횞5.0mm
logo
Golledge Electronics Lt...
TA0731A GOLLEDGE-TA0731A Datasheet
362Kb / 4P
   SAW Filter 460MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0733A TAI-SAW-TA0733A Datasheet
279Kb / 7P
   SAW Filter 2160 MHz SMD 3.0X3.0 mm
logo
Golledge Electronics Lt...
TA0733A GOLLEDGE-TA0733A Datasheet
129Kb / 6P
   SAW Filter 2160.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0735A TAI-SAW-TA0735A Datasheet
308Kb / 6P
   SAW Filter 864MHz SMD 3.8횞3.8mm
More results

Similar Description - TA0730A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0844A TAI-SAW-TA0844A Datasheet
316Kb / 8P
   SAW Filter 1178.12 MHz SMD 3.0X3.0 mm
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com