Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0747A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0747A
Description  SAW Filter 902.5MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0747A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0747A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0747A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0747A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0747A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0747A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0747A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0747A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 902.5 MHz
MODEL NO.: TA0747A
REV. NO.:2
A. MAXIMUM RATING:
1.Input Power Level: +20 dBm
2.DC voltage: 5 V
3.Operating Temperature: -25
°C to +75°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min.
Typ.
Max
Note
Center frequency
FC
MHz
-
902.5
-
-
Insertion loss( 890~915 MHz )
I.L.
dB
-
2.9
3.5
-
V.S.W.R( 890~915 MHz )
-
1.5
2.3
-
Ripple( 890~915 MHz )
dB
-
0.5
1.5
-
Attenuation:( Reference level from 0 dB)
1) 0 ~ 845 MHz
dB
45
51.0
-
-
2) 925 ~ 935 MHz
dB
5
21.0
-
-
3) 935 ~ 980 MHz
dB
25
28.0
-
-
4) 980 ~ 1200 MHz
dB
50
56.0
-
-
5) 1200~3000 MHz
dB
25
28.0
-
Impedance at FC ; Input
ZIN =RIN//CIN
50
Ω // 0 PF
1
Output ZOUT =ROUT//COUT
50
Ω // 0 PF
1
Note1. No matching network required for operation at 50
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0747A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0747A GOLLEDGE-TA0747A Datasheet
870Kb / 6P
   SAW Filter 902.50MHz
More results

Similar Description - TA0747A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0143A TAI-SAW-TA0143A Datasheet
973Kb / 6P
   SAW Filter 902.5MHz
logo
Golledge Electronics Lt...
MA04713 GOLLEDGE-MA04713 Datasheet
581Kb / 5P
   SAW Filter 902.5MHz
MP02535 GOLLEDGE-MP02535 Datasheet
81Kb / 6P
   SAW Filter 902.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0372A TAI-SAW-TA0372A Datasheet
477Kb / 6P
   SAW Filter 902.5MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT90303 SIPAT-LBT90303 Datasheet
358Kb / 3P
   902.5MHz SAW Filter 25MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com