Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0756A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0756A
Description  SAW Filter 2132.5 MHz SMD 3.0X3.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0756A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0756A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0756A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2132.5 MHz
MODEL NO.:TA0756A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 13 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
2132.5
-
-
Insertion Loss (2110 ~ 2155 MHz)
IL
dB
-
2.4
3.7
-
Amplitude Ripple (2110 ~ 2155 MHz)
dB
-
0.9
2
-
VSWR (2110 ~ 2155 MHz)
-
1.6
2.5
-
Attenuation (Reference level from 0 dB)
1800 ~ 2070
MHz
dB
25
34
-
-
2195 ~ 2400
MHz
dB
25
40
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0756A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0756A GOLLEDGE-TA0756A Datasheet
127Kb / 7P
   SAW Filter 2132.50MHz
More results

Similar Description - TA0756A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
TA0627A TAI-SAW-TA0627A Datasheet
326Kb / 7P
   SAW Filter 895.5 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com