Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0769A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0769A
Description  SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0769A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0769A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0769A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
( Reel Count : 7’’=2000 typ. ; 13’’=10000 typ.)
2. TAPE DIMENSION
Direction of Feed


Similar Part No. - TA0769A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0769A GOLLEDGE-TA0769A Datasheet
156Kb / 6P
   SAW Filter 1575.42MHz
More results

Similar Description - TA0769A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0406A TAI-SAW-TA0406A Datasheet
446Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0x1.6 mm
TA0587A TAI-SAW-TA0587A Datasheet
471Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0502A TAI-SAW-TA0502A Datasheet
421Kb / 6P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0664A TAI-SAW-TA0664A Datasheet
332Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0449A TAI-SAW-TA0449A Datasheet
256Kb / 5P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0654A TAI-SAW-TA0654A Datasheet
366Kb / 8P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0316A TAI-SAW-TA0316A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0440A TAI-SAW-TA0440A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com